Electronic Components Datasheet Search
  English  ▼

X  

CS5150GD16 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5150GD16
Description  CPU 4-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5150GD16 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS5150GD16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information: continued
8
If the maximum on time is exceeded while responding to a
sudden increase in load current, a normal off time occurs to
prevent saturation of the output inductor.
Figure 7: CS5150 demonstration board response to a 0.5 to 13A load
pulse (output set for 2.8V).
Figure 8: CS5150 demonstration board response to 13A load turn on
(output set for 2.8V). Upon completing a normal off time, the V2™ con-
trol loop immediately connects the inductor to the input voltage, pro-
viding 100% duty cycle. Regulation is achieved in less than 20µs.
Figure 9: CS5150 demonstration board response to 13A load turn off
(output set for 2.8V). V2™ control topology immediately connects
inductor to ground, providing 0% duty cycle. Regulation is achieved in
less than 10µs.
VCC1 Monitor
To maintain predictable startup and shutdown characteris-
tics an internal VCC1 monitor circuit is used to prevent the
part from operating below 3.75V minimum startup. The
VCC1 monitor comparator provides hysteresis and guaran-
tees a 3.70V minimum shutdown threshold.
Short Circuit Protection
A lossless hiccup mode short circuit protection feature is
provided, requiring only the soft start capacitor to imple-
ment. If a short circuit condition occurs (VFFB < 1V), the VFFB
low comparator sets the FAULT latch. This causes the top
MOSFET to shut off, disconnecting the regulator from its
input voltage. The soft start capacitor is then slowly dis-
charged by a 2µA current source until it reaches its lower
0.7V threshold. The regulator will then attempt to restart nor-
mally, operating in its extended off time mode with a 50%
duty cycle, while the soft start capacitor is charged with a
60µA charge current.
If the short circuit condition persists, the regulator output
will not achieve the 1V low VFFB comparator threshold
before the soft start capacitor is charged to its upper 2.5V
threshold. If this happens the cycle will repeat itself until the
short is removed. The soft start charge/discharge current
ratio sets the duty cycle for the pulses (2µA/60µA = 3.3%),
while actual duty cycle is half that due to the extended off
time mode (1.65%).
Protection and Monitoring Features
Trace1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 3 - Output Current (13 to 0.5 Amps) (20V/div.)
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 3 - Output Current (0.5 to 13 Amps) (20V/div.)
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 3 - Regulator Output Current (20V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com