Electronic Components Datasheet Search
  English  ▼

X  

9014 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9014
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9014 Datasheet(HTML) 1 Page - Unisonic Technologies

  9014 Datasheet HTML 1Page - Unisonic Technologies 9014 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC 9014
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-031,A
PRE-AMPLIFIER, LOW LEVEL &
LOW NOISE
FEATURES
*High total power dissipation. (450mW)
*Excellent hFE linearity.
*Complementary to UTC 9015
TO-92
1
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
100
mA
Collector dissipation
Pc
450
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=100
µA, IE=0
50
V
Collector-emitter breakdown voltage
BVCEO
Ic=1mA, IB=0
45
V
Emitter-base breakdown voltage
BVEBO
IE=100
µA, Ic=0
5
V
Collector cutoff current
ICBO
VCB=50V, IE=0
50
nA
Emitter cutoff current
IEBO
VEB=5V, IC=0
100
nA
DC current gain
hFE
VCE=5V,Ic=1mA
60
280
1000
Collector-emitter saturation voltage
VCE(sat)
Ic=100mA, IB=5mA
0.14
0.3
V
Base-emitter saturation voltage
VBE(sat)
Ic=100mA, IB=5mA
0.84
1.0
V
Base-emitter on voltage
VBE(on)
VCE=5V, Ic=2mA
0.58
0.63
0.7
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.2
3.5
pF
Current gain-Bandwidth Porduct
fT
VCE=5V, Ic=10mA
150
270
MHz
Noise Figure
NF
VCE=5V, Ic=0.2mA
f=1KHz, Rs=2K
Ω
0.9
10
dB


Similar Part No. - 9014

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
9014 WINGS-9014 Datasheet
27Kb / 1P
NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
9014 DAYA-9014 Datasheet
698Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
9014 DGNJDZ-9014 Datasheet
103Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
9014 FAIRCHILD-9014 Datasheet
181Kb / 16P
Fairchild QFET for Synchronous Rectification
logo
Foshan Blue Rocket Elec...
9014 FOSHAN-9014 Datasheet
1Mb / 6P
Silicon NPN transistor
More results

Similar Description - 9014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com