Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP4CE22
Description  1. Cyclone IV FPGA Device Family Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 5 Page - Altera Corporation

  EP4CE22 Datasheet HTML 1Page - Altera Corporation EP4CE22 Datasheet HTML 2Page - Altera Corporation EP4CE22 Datasheet HTML 3Page - Altera Corporation EP4CE22 Datasheet HTML 4Page - Altera Corporation EP4CE22 Datasheet HTML 5Page - Altera Corporation EP4CE22 Datasheet HTML 6Page - Altera Corporation EP4CE22 Datasheet HTML 7Page - Altera Corporation EP4CE22 Datasheet HTML 8Page - Altera Corporation EP4CE22 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Package Matrix
Table 1–3 lists Cyclone IV E device package offerings.
Table 1–3. Package Offerings for the Cyclone IV E Device Family (1), (2)
Package
E144
M164
M256
U256
F256
U484
F484
F780
Size (mm)
22 × 22
8 × 8
9 x 9
14 × 14
17 × 17
19 × 19
23 × 23
29 × 29
Pitch (mm)
0.5
0.5
0.5
0.8
1.0
0.8
1.0
1.0
Device
EP4CE6
91
21
————
179
66
179
66——
———
—
EP4CE10
91
21
————
179
66
179
66——
———
—
EP4CE15
81
18
89
21
165
53
165
53
165
53
—
—
343
137
—
—
EP4CE22
79
17
————
153
52
153
52——
———
—
EP4CE30
——
————
———
———
328
124
532
224
EP4CE40
——
————
———
—
328
124
328
124
532
224
EP4CE55
——
————
———
—
324
132
324
132
374
160
EP4CE75
——
————
———
—
292
110
292
110
426
178
EP4CE115
—
—
————
———
———
280
103
528
230
Notes to Table 1–3:
(1) The E144 package has an exposed pad at the bottom of the package. This exposed pad is a ground pad that must be connected to the ground plane of your PCB. Use this exposed pad for electrical
connectivity and not for thermal purposes.
(2) Use the Pin Migration View window in Pin Planner of the Quartus II software to verify the pin migration compatibility when you perform device migration. For more information, refer to the I/O
Management chapter in volume 2 of the Quartus II Handbook.
(3) This includes both dedicated and emulated LVDS pairs. For more information, refer to the I/O Features in Cyclone IV Devices chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com