Electronic Components Datasheet Search
  English  ▼

X  

BD237 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BD237
Description  80V, NPN TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD237 Datasheet(HTML) 2 Page - Unisonic Technologies

  BD237 Datasheet HTML 1Page - Unisonic Technologies BD237 Datasheet HTML 2Page - Unisonic Technologies BD237 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BD237
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
2 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R226-001, B
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
2
A
Collector Dissipation
PC
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65~150
°C
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied. Absolute
maximum ratings are those values beyond which the device could be permanently damaged.
ELECTRICAL CHARACTERISTICS (T
A =25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
100
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=100mA, IB=0
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=100V, IE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=100mA
0.6
V
DC Current Gain
hFE (1)
IC=150mA,VCE=2V
40
hFE (2)
IC=1A,VCE=2V
25
Transition Frequency
fT
IC=250mA, VCE=10V, f=10MHz
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com