Electronic Components Datasheet Search
  English  ▼

X  

BU941Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU941Z
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941Z Datasheet(HTML) 2 Page - Unisonic Technologies

  BU941Z Datasheet HTML 1Page - Unisonic Technologies BU941Z Datasheet HTML 2Page - Unisonic Technologies BU941Z Datasheet HTML 3Page - Unisonic Technologies BU941Z Datasheet HTML 4Page - Unisonic Technologies BU941Z Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BU941Z
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R214-022.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
15
A
Collector Peak Current
ICM
30
A
Base Current
IB
1
A
Base Peak Current
IBM
5
W
Total Power Dissipation (TC=25C)
TO-3P
PD
155
W
TO-220
150
W
Junction Temperature
TJ
+175
C
Storage Temperature
TSTG
-65 ~ +175
C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Tc=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clamping Voltage
VCL*
IC=100mA
350
500
V
Collector Cut-Off Current
ICEO
VCE=300V
100
μA
VCE=300V, TJ=125C
0.5
mA
Emitter Cut-off Current
IEBO
VEB=5V, Ic=0
20
mA
Collector-Emitter Saturation
Voltage
VCE(SAT)*
IC=8A, IB=100mA
1.6
V
IC=10A, IB=250mA
1.8
IC=12A, IB=300mA
2
Base-Emitter Saturation Voltage
VBE(SAT)*
IC=8A, IB=100mA
2.2
V
IC=10A, IB=250mA
2.5
IC=12A, IB=300mA
2.7
DC Current Gain
hFE*
VCE=10V, Ic=5A
300
Diode Forward Voltage
VF
IF=10A
2.5
V
Functional Test
VCC=24V, Vclamp=400V, L=7mH
(see Functional Test Circuit)
10
A
Fall Time
tF
VCC=12V, Vclamp=300V, VBE=0,
RBE=47Ω, L=7mH, Ic=7A, IB=70mA
(see Fig.1)
15
μs
Storage Time
ts
0.5
*Pulsed: Pulse duration=300μs, duty cycle 1.5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com