Electronic Components Datasheet Search
  English  ▼

X  

CS5208-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5208-1
Description  8A LDO 3-Pin Adjustable Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5208-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5208-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5208-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Electrical Characteristics: 0¡C²TA ² 70¡C, 0¡C²TJ ² 150¡C, VAdj = 0V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Input Voltage ...............................................................................................................................................................................6V
Operating Junction Temperature Range ..........................................................................................................0¡C ² TJ ² 150¡C
Storage Temperature Range ...............................................................................................................................-65¡C to +150¡C
Lead Temperature Soldering: Wave Solder (through hole styles only).........................................10 sec. max, 260¡C peak
ESD Damage Threshold ...........................................................................................................................................................2kV
3L TO-220
1
Adjust
This pin is connected to the low side of the internally trimmed 1.5%
bandgap reference voltage and carries a bias current of about 70µA.
A resistor divider from Adj to VOUT and from Adj to ground sets
the output voltage. Also, transient response can be improved by
adding a small bypass capacitor from this pin to ground.
2VOUT
This pin is connected to the emitter of the power pass transistor and
provides a regulated voltage capable of sourcing 8A of current.
3VIN
This is the supply voltage for the regulator . For the device to regu-
late, this voltage should be between 1.1V and 1.30V (depending on
the output current) greater than the output voltage.
Reference Voltage
VIN=2.75V to 5.5V, IOUT=10mA to 8A
1.234
1.253
1.271
V
(-1.5%)
(+1.5%)
Line Regulation
VIN=2.75V to 5.5V, IOUT=10mA
.02
.20
%
Load Regulation
VIN=2.75V,IOUT=10mA to 8A
.04
.50
%
Minimum Load Current
VIN=5V, ÆVOUT= +1.5%
5
10
mA
(Note 1)
Adjust Pin Current
VIN=2.75V,IOUT=10mA
70
120
µA
Current Limit
VIN=2.75V,ÆVOUT= -1.5%
8.1
9.0
A
Short Circuit Current
VIN=2.75V,VOUT=0V
6.0
8.5
A
Ripple Rejection
VIN=3.25V Avg,
60
80
dB
(Note 2)
VRipple=1VP-P@120Hz,
IOUT=4A,CAdj=0.1µF; COUT = 22µF
Thermal Regulation (Note 2)
30ms Pulse, TA=25¡C
0.002
%/W
Dropout Voltage
IOUT=100mA
0.92
1.15
V
(Minimum VIN -VOUT)IOUT=1A
0.93
1.15
V
(Note 3)
IOUT=2.75A
0.94
1.15
V
IOUT=4A
0.95
1.15
V
IOUT=8A
0.96
1.30
V
RMS Output Noise
Freq=10Hz to 10kHz, TA=25¡C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 4)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
(Note 4)
Note 1:
The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor
divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 2:
This parameter is guaranteed by design and is not 100% production tested.
Note 3:
Dropout voltage is defined as the minimum input/output voltage differential required to maintain 1.5% regulation.
Note 4:
This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown
functional test is performed on each part.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com