Electronic Components Datasheet Search
  English  ▼

X  

CS5210-1 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5210-1
Description  10A LDO 3-Pin Adjustable Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5210-1 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5210-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
3L TO-220
1
Adjust
This pin is connected to the low side of the internally trimmed
2% bandgap reference voltage and carries a bias current of
about 70µA. A resistor divider from Adj to VOUT and from Adj
to ground sets the output voltage. Also, transient response can
be improved by adding a small bypass capacitor from this pin
to ground.
2VOUT
This pin is connected to the emitter of the power pass transistor
and provides a regulated voltage capable of sourcing 10A of
current.
3VIN
This is the supply voltage for the regulator. For the device to
regulate, this voltage should be between 1.2V and 1.40V
(depending on the output current) greater than the output
voltage.
Block Diagram
V
IN
BIAS
and
TSD
V
REF
EA
IA
V
OUT
Adj
-
+
-
+
0.00
71.00
73.00
IOUT (A)
2.00
3.00 4.00 5.00
72.80
72.60
72.40
72.20
72.00
71.80
71.60
71.40
71.20
70.80
70.60
70.40
70.20
70.00
1.00
6.00
8.00
10.00
7.00
9.00
Adjust Pin Current vs IOUT
0
10 20 30 40 50 60 70 80 90 100 110120130
60.00
65.00
70.00
75.00
80.00
85.00
90.00
T
Case (°C)
I
0=10mA
Adjust Pin Current Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com