Electronic Components Datasheet Search
  English  ▼

X  

CS5253-1 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5253-1
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5253-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
3
Block Diagram
V
CONTROL
BIAS
and
TSD
V
REF
EA
IA
V
OUT
V
SENSE
Adjust
-
+
-
+
V
POWER
5Lead D2 PAK
1VSENSE
This Kelvin sense pin allows for remote sensing of the output
voltage at the load for improved regulation. It is internally
connected to the positive input of the voltage sensing error
amplifier.
2
Adjust
This pin is connected to the low side of the internally trimmed
1% bandgap reference voltage and carries a bias current of
about 50µA. A resistor divider from Adj to VOUT and from Adj
to ground sets the output voltage. Also, transient response can
be improved by adding a small bypass capacitor from this pin
to ground.
3VOUT
This pin is connected to the emitter of the power pass transistor
and provides a regulated voltage capable of sourcing 3A of
current.
4VCONTROL
This is the supply voltage for the regulator control circuitry. For
the device to regulate, this voltage should be between 0.9V and
1.3V (depending on the output current) greater than the
output voltage. The control pin current will be about 1% of the
output current.
5VPOWER
This is the power input voltage. The pin is physically connected
to the collector of the power pass transistor. For the device to
regulate, this voltage should be between 0.1V and 0.6V greater
than the output voltage, depending on output current. The out-
put load current of 3A is supplied through this pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com