Electronic Components Datasheet Search
  English  ▼

X  

CS52843 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS52843
Description  Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52843 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS52843 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The CS52843 provides all the nec-
essary features to implement off-
line fixed frequency current-mode
control with a minimum number
of external components.
The CS52843 incorporates a new
precision temperature-controlled
oscillator to minimize variations in
frequency. An undervoltage lock-
out ensures that VREF is stabilized
before the output stage is enabled.
In the CS52843 turn on is at 8.4V
and turn off at 7.6V.
Other features include low start-up
current, pulse-by-pulse current lim-
iting, and a high-current totem pole
output for driving capacitive loads,
such as gate of a power MOSFET.
The output is low in the off state,
consistent with N-channel devices.
1
Features
VCC
Gnd
COMP
OSC
Sense
VREF
OUTPUT
ENABLE
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sensing
Comparator
R
2 R
1V
Error
Amplifier
-
+
2.50V
Set/
Reset
VCC Undervoltage Lock-out
34V
8.4V/7.6V
R
R
VFB
VCC Pwr
VOUT
Pwr Gnd
Oscillator
5.0 Volt
Reference
s
Optimized for Off-line
Control
s
Internally Temperature
Compensated Oscillator
s
VREF Stabilized before
Output Stage is Enabled
s
Very Low Start-up Current
300 µA (typ)
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
2% 5 Volt Reference
s
High Current Totem Pole
Output
Package Options
Current Mode PWM Control Circuit
CS52843
Description
Block Diagram
Absolute Maximum Ratings
Supply Voltage (ICC<30mA) ..........................................................Self Limiting
Supply Voltage (Low Impedance Source)...................................................30V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, VSENSE)...........................................................-0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Reflow (SMD styles only) ...........60 sec. max above 183°C, 230°C peak
1
7
8
2
3
4
5
6
COMP
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8L SO Narrow
A
Company
®
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14L SO Narrow
Rev. 12/23/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS52843

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS52843ED14 ONSEMI-CS52843ED14 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS52843ED8 ONSEMI-CS52843ED8 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS52843EDR14 ONSEMI-CS52843EDR14 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS52843EDR8 ONSEMI-CS52843EDR8 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results

Similar Description - CS52843

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com