Electronic Components Datasheet Search
  English  ▼

X  

CS8120 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8120
Description  5V, 300mA Linear Regulator with and ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8120 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8120 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Precision Voltage Reference
The regulated output voltage depends on the precision
band gap voltage reference in the IC. By adding an error
amplifier into the feedback loop , the output voltage is
maintained within ±4% over temperature and supply
variation.
Output Stage
The composite PNP-
NPN output structure
(Figure 1) provides
300mA (typ) of output
current while maintain-
ing a low drop out volt-
age (1.00V, typ) and
drawing little quiescent
current (2.5mA).
The NPN pass device prevents deep saturation of the out-
put stage which in turn improves the ICÕs efficiency by
preventing excess current from being used and dissipated
by the IC.
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 2).
4
Circuit Description
Typical Performance Characteristics: continued
Voltage Reference and Output Circuitry
VOUT
VIN
IOUT
VOUT
VIN
Load
Dump
Short
Circuit
Thermal
Shutdown
> 30V
Figure 1: Composite Output Stage of the CS8120
5.5
10.0
0.0
Supply Voltage (V)
VOUT
IQ
5.0
4.0
3.0
2.0
1.0
0.0
22.0
20.0
16.0
12.0
8.0
4.0
0.0
2.0
4.0
6.0
8.0
Output Voltage and Supply Current vs. Input Voltage
2000
1800
1600
1400
1200
1000
800
600
400
200
0
1
5
10
15
20
25
30
35
40
VIN = 5V
Reset Output Current (mA)
RESET Output Voltage vs. Output Current
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
050
-40
°C
25
°C
125
°C
Output Current (mA)
VIN = 14V
100
150
200
250
300
350
Quiescent Current vs. Output Current Over Temperature
Figure 2: Typical Circuit Waveforms for Output Stage Protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com