Electronic Components Datasheet Search
  English  ▼

X  

104482-9 Datasheet(PDF) 74 Page - Tyco Electronics

Part # 104482-9
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

104482-9 Datasheet(HTML) 74 Page - Tyco Electronics

Back Button 104482-9 Datasheet HTML 70Page - Tyco Electronics 104482-9 Datasheet HTML 71Page - Tyco Electronics 104482-9 Datasheet HTML 72Page - Tyco Electronics 104482-9 Datasheet HTML 73Page - Tyco Electronics 104482-9 Datasheet HTML 74Page - Tyco Electronics 104482-9 Datasheet HTML 75Page - Tyco Electronics 104482-9 Datasheet HTML 76Page - Tyco Electronics 104482-9 Datasheet HTML 77Page - Tyco Electronics 104482-9 Datasheet HTML 78Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
254
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Interchangeable Contacts, Wire Crimp (Snap-In) (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Material and Finish
Phosphor bronze, plated as follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000030
[0.00076] min. tin in crimp area, with
entire contact underplated .000050
[0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area, .000030
[0.00076] min. tin on solder area, with
entire contact underplated .000050
[0.00127] nickel
Plating C — .000100 [0.00254] tin
over .000050 [0.00127] nickel on entire
contact
Extraction/Lance Reset
Tool No. 843477-1
Contact
Heavy Duty
Applicator for
Wire Size
Ins. Dia.
Part No.
Miniature Applicator
AMP-O-MATIC
Hand
Range
Range
Finish
(Standard Pressure)
for AMP-O-LECTRIC
Stripper/
Tool
AWG
[mm2]
Strip
Loose
Machine*
Crimper
Nos.
Form
Piece
Machine
.025-.054
Plating A
5-104506-6
5-104506-7
32-28
0.03-0.08
0.64-1.37
Plating B
5-104506-4
5-104506-5
—
—
58342-2
Plating C
5-104506-2
5-104506-3
.036-.054
Plating A
5-104505-6
5-104505-7
26-22
0.14-0.32
0.91-1.37
Plating B
5-104505-4
5-104505-5
567239-2
466983-1
91531-1
Plating C
5-104505-2
5-104505-3
*For use with AMP-O-LECTRIC Model “K” machines. Call Technical Support Center (1-800-522-6752) for part nos. of applicators for use with the
AMP-O-LECTRIC Model “G” machines (shown on page 270), as well as other bench machines and fully automatic AMPOMATOR lead making machines.
Note: These wire crimp contacts can be intermixed with insulation displacement crimp contacts.
.025
[0.64]
.810
[20.57]
.025
[0.64]
Pins
Related Product Data
Performance Characteristics —
page 221
AMPMODU MTE Unloaded
Housings — pages 228-233
Application Tooling —
pages 270-272
Technical Documents —
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com