Electronic Components Datasheet Search
  English  ▼

X  

CS8121 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8121
Description  5V, 1A Linear Regulator with and ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8121 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8121 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The CS8121 is a 5V, 1A precision linear
regulator with two microprocessor
compatible control functions and pro-
tection circuitry included on chip. The
composite NPN-PNP output pass tran-
sistor assures a lower dropout voltage
(1.2V @ 1A) without requiring exces-
sive supply current (4mA).
The CS8121Õs two logic control func-
tions make this regulator well suited to
applications requiring microprocessor-
based control at the board or module
level.
controls the output
stage. A high voltage (>2.9V) on
the
lead turns off the regula-
torÕs pass transistor and sends the IC
into Sleep mode where it draws only
250µA.
sends a
signal
when the IC is powering up or when-
ever the output voltage falls out of reg-
ulation. The
signal is valid
down to VOUT = 1V.
The CS8121 design optimizes supply
rejection by switching the internal
bandgap reference from the supply
input to the regulator output as soon as
the nominal output voltage is achieved.
Additional on chip filtering enhances
rejection of high frequency transients
on all external leads.
The CS8121 is fault protected against
short circuit, over voltage and thermal
runaway conditions.
RESET
RESET
RESET
ENABLE
ENABLE
1
Features
Over
Voltage
Shutdown
RESET
Comparator
Error
Amplifier
TO VOUT
+
+
-
VREF
ENABLE
Comparator
Bandgap
Supply
Output
Current
Limit
Bandgap
Reference
Thermal
Shutdown
-
VIN
ENABLE
RESET
VOUT
Gnd
VOUT(SENSE)
5 Lead
TO-220
s
5V ± 4% Output Voltage
s
Low Dropout Voltage
(1.2V @ 1A)
s
Low Quiescent Current
(4mA @ IOUT = 1A)
s
µP Compatible Control
Functions
s
Low Current Sleep Mode
IQ = 250µA
s
Fault Protection
Thermal Shutdown
Short Circuit
60V Peak Transient
Voltage
ENABLE
RESET
Package Options
5 Lead TO-220
5 Lead TO-220
Overmolded
1
5V, 1A Linear Regulator
with
and ENABLE
RESET
CS8121
Description
Block Diagram
1
1VIN
2
3 Gnd
4
5VOUT
RESET
ENABLE
7 Lead D2PAK
1
1NC
2VIN
3
4 Gnd
5
6VOUT
7VOUT(SENSE)
RESET
ENABLE
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 5/4/99


Similar Part No. - CS8121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
ON Semiconductor
CS8121YDPS7 ONSEMI-CS8121YDPS7 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
CS8121YDPSR7 ONSEMI-CS8121YDPSR7 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
CS8121YT5 ONSEMI-CS8121YT5 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
More results

Similar Description - CS8121

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com