Electronic Components Datasheet Search
  English  ▼

X  

CS8126 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS8126
Description  5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8126 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

  CS8126 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Part Number
Description
CS8126-1YT5
5 Lead TO-220 Straight
CS8126-1YTVA5
5 Lead TO-220 Vertical
CS8126-1YTHA5
5 Lead TO-220 Horizontal
CS8126-2GT5
5 Lead TO-220 Straight
CS8126-2GTVA5
5 Lead TO-220 Vertical
CS8126-2GTHA5
5 Lead TO-220 Horizontal
CS8126-1YTHE5
5 Lead TO-220 Surface Mount
CS8126-1YTHER5
5 Lead TO-220 Surface Mount
(tape & reel)
CS8126YDPS7
7 Lead D2PAK Short-Leaded
CS8126YDPSR7
7 Lead D2PAK Short-Leaded
(tape & reel)
CS8126YDW16
16 Lead SOIC Wide
CS8126YDWR16
16 Lead SOIC Wide (tape & reel)
Rev. 5/4/99
Ordering Information
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Package Specification: continued
PACKAGE DIMENSIONS IN mm (INCHES)
5 Lead TO-220 (THE) SMD
10.3 (.405)
10.0 (.395)
3.96 (.156)
3.71 (.146)
2.87 (.113)
2.61 (.103)
14.6 (.575)
8.40 (.331)
.914 (.036)
.711 (.028)
1.70 (.067)
6.80 (.268)
4.44 (.175)
.254 (.010)
.000 (.000)
B
.102 (.004) MAX
A
1.40 (.055)
1.14 (.045)
5
° (5 Places)
14.0 (.550)
2.66 (.105)
2.56 (.101)
2.03 (.080)
.254 (.010) REF
Notes:
1. Dimensions exclusive of
mold flash and metal burrs.
2. Footpad length measured from
lead tip with ref. to datum
.
3. Coplanarity .004
² max.
Reference plane
standoff
height .000Ð.010
².
B
A
7 Lead D2PAK (DPS)* Short-Leaded
1.98 (.078)
1.47 (.058)
14.71 (.579)
13.69 (.539)
4.57 (.180)
4.31 (.170)
1.40 (.055)
1.14 (.045)
2.79 (.110)
2.54 (.100)
TERMINAL 8
7.75 (.305)
REF
6.50 (.256) REF
10.31 (.406)
10.05 (.396)
1.27 (.050)
REF
1.68 (.066)
1.40 (.055)
.254 (.010)
REF
0.91 (.036)
0.66 (.026)
8.53 (.336)
8.28 (.326)
0.10 (.004)
0.00 (.000)
*CHERRY SEMICONDUCTOR SHORT-LEADED FOOTPRINT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com