Electronic Components Datasheet Search
  English  ▼

X  

CS8140 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8140
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8140 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8140 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The CS8140 is a 5V Watchdog
Regulator with protection circuitry and
three logic control functions that allow
a microprocessor to control its own
power supply. The CS8140 is designed
for use in automotive, switch mode
power supply post regulator, and bat-
tery powered systems.
Basic regulator performance character-
istics include a low noise, low drift, 5V
± 4% precision output voltage with low
dropout voltage (1.25V @ IOUT = 500mA)
and low quiescent current (7mA @ IOUT
= 500mA). On board short circuit, ther-
mal, and overvoltage protection make it
possible to use this regulator in particu-
larly harsh operating environments.
The Watchdog logic function monitors
an input signal (WDI) from the micro-
processor or other signal source. When
the signal frequency moves outside
externally programmable window lim-
its, a
signal is generated
(
). An external capacitor
(CDELAY) programs the watchdog win-
dow frequency limits as well as the
power on reset (POR) and
delay.
The
function is activated by any
of three conditions: the watchdog sig-
nal moves outside of its preset limits;
the output voltage drops out of regula-
tion by more than 4.5%; or the IC is in
its power up sequence. The
sig-
nal is independent of VIN and reliable
down to VOUT = 1V.
In conjunction with the Watchdog, the
ENABLE function controls the regula-
torÕs power consumption. The CS8140Õs
output stage and its attendant circuitry
are enabled by setting the ENABLE
lead high. The regulator goes into sleep
mode (IOUT = 250µA) when the
ENABLE lead goes low and the watch-
dog signal moves outside its preset
window limits. This unique combina-
tion of control functions in the CS8140
gives the microprocessor control over
its own power down sequence: i.e. it
gives the microprocessor the flexibility
to perform housekeeping functions
before it powers down.
The CS8141 has the same features as the
CS8140, except that the CS8141 only
responds to input signals (WDI) which
are below the preset watchdog frequen-
cy threshold.
RESET
RESET
RESET
RESET
RESET
1
Features
Gnd
WDI
ENABLE
VIN
VOUT
Delay
Overvoltage
Overtemperature
Reference
& Bias
Short Circuit
Watchdog
Undervoltage
Regulation
RESET
Control Logic
ENABLE
RESET
Delay
Sense
*NOTE: shorted together
on 7 Lead TO-220
*
s
5V ± 4%, 500mA Output
Voltage
s
µP Compatible Control
Functions
Watchdog
ENABLE
s
Low Dropout Voltage
(1.25V @ 500mA)
s
Low Quiescent Current
(7mA @ 500mA)
s
Low Noise, Low Drift
s
Low Current SLEEP Mode
(IQ = 250µA)
s
Fault Protection
Thermal Shutdown
Short Circuit
60V Peak Transient
Voltage
RESET
Package Options
7 Lead TO-220
Tab (Gnd)
14 Lead PDIP
24 Lead SOIC Wide
5V, 500mA Linear Regulator with
ENABLE,
, and Watchdog
RESET
1
1
Delay
VOUT
Sense
WDI
NC
NC
NC
NC
NC
VIN
ENABLE
RESET
Gnd
NC
NC
NC
Gnd
NC
NC
NC
NC
NC
NC
NC
CS8140/1
Description
Block Diagram
1
Delay
VOUT
Sense
WDI
NC
NC
NC
NC
NC
Gnd
VIN
ENABLE
RESET
NC
1VIN
2 ENABLE
3
4 Gnd
5 Delay
6 WDI
7VOUT
RESET
A
Company
¨
Rev. 2/23/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8140

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
More results

Similar Description - CS8140

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com