Electronic Components Datasheet Search
  English  ▼

X  

CS8141 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS8141
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS8141 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
D
Lead Count
Metric
English
Max
Min
Max
Min
24 Lead SOIC Wide
15.60
15.20
.614
.598
14 Lead PDIP
19.69
18.67
.775
.735
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Thermal
7 L
24L
24L (Fused) 14 L
Data
TO-220
CS8140
CS8141
PDIP
RQ
JC
typ
1.6
16
9
48
ûC/W
RQ
JA
typ
50
80
55
85
ûC/W
Rev. 2/23/99
Part Number
Description
CS8140YT7
7L TO-220 Straight
CS8140YTVA7
7L TO-220 Vertical
CS8140YTHA7
7L TO-220 Horizontal
CS8140YDW24
24L SO
CS8140YDWR24
24L SO (tape & reel)
CS8140YN14
14L PDIP
CS8141YT7
7L TO-220 Straight
CS8141YTVA7
7L TO-220 Vertical
CS8141YTHA7
7L TO-220 Horizontal
CS8141YDWF24
24L SO (internally fused leads)
CS8141YDWFR24
24L SO (internally fused leads)
(tape & reel)
CS8141YN14
14L PDIP
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
7 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
9.78 (.385)
10.54 (.415)
1.40 (.055)
1.14 (.045)
0.64 (.025)
0.38 (.015)
0.56 (.022)
0.36 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
14.22 (.560)
13.72 (.540)
0.94 (.037)
0.58 (.023)
7.75 (.305)
7.49 (.295)
2.92 (.115)
2.29 (.090)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
6.55 (.258)
5.94 (.234)
7 Lead TO-220 (TVA) Vertical
10.54 (.415)
9.78 (.385)
2.03 (.080)
7.52 (.296)
4.34
(.171)
1.40 (.055)
1.14 (.045)
14.99 (.590)
14.22 (.560)
11.86 (.467)
4.83 (.190)
4.06 (.160)
8.26
(.325)
7.62 (.300)
0.81
(.030)
1.27
(.050)
TYP
0.56 (.022)
0.36 (.014)
2.92 (.115)
2.29 (.090)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
2.92
(.115)
3.96 (.156)
3.71 (.146)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com