Electronic Components Datasheet Search
  English  ▼

X  

CS8156 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8156
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8156 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Characteristics: continued
Output Current (mA)
0
-35
100
0
800
-40
-30
-25
-20
-15
-10
-5
200
300
400
500
600
700
VIN = 14V
125ûC
25ûC
-40ûC
Output Current (mA)
0
-35
100
25
800
-40
125ûC
25ûC
-40ûC
-30
-25
-20
-15
-10
-5
0
5
10
15
20
100
100
100
100
100
100
VIN = 13 - 26V
Output Current (mA)
0
-16
10
0
20 30 40 50 60 70 80 90 100 110 120 130 140 150
-18
VIN = 14V
-40ûC
125ûC
25ûC
-14
-12
-10
-8
-6
-4
-2
Output Current (mA)
0
-5
10
3
20 30 40 50 60 70 80 90 100 110 120 130 140 150
-6
-40ûC
125ûC
25ûC
-4
-3
-2
-1
0
1
2
VIN = 6 - 26V
Output Current (mA)
0
2
10
4
6
8
10
12
14
16
18
20
22
20 30 40 50 60 70 80 90 100 110 120 130 140 150
0
No Load On 12V
VIN = 14V
-40ûC
125ûC
25ûC
Quiescent Current vs Output Current for VOUT1
Line Regulation vs Output Current for VOUT1
Line Regulation vs Output Current for VOUT2
Load Regulation vs Output Current for VOUT1
Load Regulation vs Output Current for VOUT2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com