Electronic Components Datasheet Search
  English  ▼

X  

6N60AF Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 6N60AF
Description  N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6N60AF Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  6N60AF Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 6N60AF Datasheet HTML 9Page - Nell Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
V /ns
V
W
A
mJ
ºC
-55 to 150
VALUE
6
3.7
600
±30
440
24
600
55
125
4.5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
T =25°C
C
T =100°C
C
Operation junction temperature
Single pulse avalanche energy (Note
2)
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
EAS
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
Note:
1.Repetitive rating: pulse width limited by junction temperature.
TO-251/ TO-252
TO-220AB
UNIT
Min.
110
2.3
62.5
1.0
THERMAL RESISTANCE
TO-251/ TO-252
TO-220AB
TO-251/TO-252
TO-220F
PARAMETER
Thermal resistance, junction to ambient
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(j-a)
Typ.
Max.
ºC/W
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note
1)
6
I
=6A, L = 14mH
AS
T =25°C
C
2
.I
= 6A, V
= 50V, L = 14mH, R
= 25Ω, starting T =25°C.
AS
DD
GS
J
www.nellsemi.com
Page 2 of 10
13
Repetitive avalanche energy(Note
1)
EAR
I
=6A, R
=50Ω, V
=10V
AR
GS
GS
3
.I
≤ 6A, di/dt ≤ 200A/µs, V
≤ V
, starting T =25°C.
SD
DD
(BR)DSS
J
6N60 Series
TO-220F
40
62.5
TO-220AB
3.3
TO-220F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com