Electronic Components Datasheet Search
  English  ▼

X  

1624191-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1624191-7
Description  Spindle Operated Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1624191-7 Datasheet(HTML) 2 Page - Tyco Electronics

  1624191-7 Datasheet HTML 1Page - Tyco Electronics 1624191-7 Datasheet HTML 2Page - Tyco Electronics 1624191-7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Derating
Curve
Ambient Temperature (°C)
100
80
60
40
20
0
Dissipation as a function of temperature.
Potentiometers covered by this specification are derated from 100%
rated dissipation at 40°C to zero dissipation at 100°C.
Linear Law 100% - 0.2W
Non-Linear Law 100% - 0.1W
-40
0
40
70
100
Snap-In Shafts and Edgewheels -
For Standalone Modules
The diagram illustrates the snap-in part of a plastic actuator which can be used to rotate the Series 51
Standalone module.
Accessory Options -
For Standalone Modules
At the date of publication the following mould tools exist for plug in accessories:
Shafts 60 mm long x 6 mm diameter
with knurl end and screwdriver slot colour black
Shafts 30 mm long x 6 mm diameter
with knurl end and screwdriver slot colour black
Shafts 20 mm long x 6 mm diameter
with knurl end and screwdriver slot colour black
Shafts 10 mm long x 6 mm diameter
with knurl end and screwdriver slot colour black
Edgewheel for horizontal modules 25mm diameter colour black.
Thumbwheel Actuating Devices
Literature No. 1773117
Issued: 08-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Spindle Operated Potentiometers
Type 51 Series
Type 51 Horizontal
Dimensions
Single Module
Type 53 Vertical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com