Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # IRF730
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF730 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF730 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF730 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
1.7
0.50
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heatsink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
Typ.
Max.
ºC/W
62
IRF730 Series
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
16
Max.
3.1
250
400
0.8
-100
100
0.5
600
4
10
22
20
103
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250µA ,
D
V
= 0V
GS
TEST CONDITIONS
I = 1mA, referenced to 25 °C
D
V
=400V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
▲
▲
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
Gate to source charge
V
= 320V, V
= 10V, I = 5.5A
DS
GS
D
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
S
nA
T =125°C
J
Typ.
Min.
1
25
V
= 200V, l
DD
(Note 1)
= 5.5A, R = 57 ,
D
D
=
=
GS
G
Ω
V
10V, R
12Ω
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -30V, V
= 0V
GS
DS
V
= 30V, V
= 0V
GS
DS
V
=50V,
DS
I =3.3A,
D
Forward transconductance
Static drain to source on-state resistance
RDS(ON)
gfs
V
= 10V,
GS
I = 3.3A (Note 1),
D
Gate to drain charge (Miller charge)
QGD
V
=320V, V
=0V
DS
GS
2.0
V
4.5
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
Max.
TEST CONDITIONS
PARAMETER
SYMBOL
Typ.
Min.
V
I
= 5.5A, V
= 0V
SD
GS
Diode forward voltage
VSD
1.6
Integral reverse P-N junction
diode in the MOSFET
Continuous source to drain current
Is (IsD)
5.5
D (Drain)
G
(Gate)
S (Source)
A
Pulsed source current
ISM
22
I = 5.5A, V
= 0V,
S
GS
dI /dt = 100A/µs
F
Reverse recovery time
trr
ns
370
μC
Reverse recovery charge
Qrr
1.6
Note: 1. Pulse test: Pulse width ≤ 300μs, duty cycle ≤ 2%
.
tON
Forward turn-on time
550
2.4
Intrinsic turn-on time is negligible (turn-on is domonated by L +L )
S
D
4.5
5.8
9.3
22
LD
LS
Internal drain inductance
internal source inductance
Between lead, 6mm from
package and center of die
4.5
7.5
nH
www.nellsemi.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com