Electronic Components Datasheet Search
  English  ▼

X  

MMBT1116 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT1116
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1116 Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT1116 Datasheet HTML 1Page - Unisonic Technologies MMBT1116 Datasheet HTML 2Page - Unisonic Technologies MMBT1116 Datasheet HTML 3Page - Unisonic Technologies MMBT1116 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT1116/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-098.C
TYPICAL CHARACTERISTICS
Static Characteristic
-100
0
-2
-4
-6
-10
-8
-80
-60
-40
-20
Collector-Emitter Voltage, VCE (V)
IB=-200μA
IB=-150μA
IB=-100μA
IB=-50μA
0
Static Characteristic
-1.0
0.0
-0.2
-0.4
-0.6
-1.0
-0.8
-0.8
-0.6
-0.4
-0.2
IB=-3.0mA
IB=-2.5mA
IB=-1.5mA
IB=-0.5mA
0.0
IB=-1.0mA
IB=-2.0mA
IB=-3.5mA
IB=-5.0mA
Collector-Emitter Voltage, VCE (V)
IB=-250μA
IB=-4.5mA IB=-4.0mA
DC Current Gain
1000
1
-0.1
-1
-10
100
10
Collector Current, Ic (mA)
-0.01
VCE=-2V
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
-10
-0.01
-0.1
-1
-10
-1
-0.1
-0.01
VBE(sat)
VCE(sat)
IC=20IB
Collector Current, IC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com