Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBTA55
Description  PNP MMBTA55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA55 Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBTA55 Datasheet HTML 1Page - Unisonic Technologies MMBTA55 Datasheet HTML 2Page - Unisonic Technologies MMBTA55 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBTA55
Preliminary
AMPLIFIER TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-104.b
SWITCHING TIME TEST CIRCUIT
Figure 1. (Note: Total shunt capacitance of test jig and connectors for PNP test circuits, reverse all voltage polarities.)
TURN-ON TIME
5.0µs
+10V
0
tr=3.0ns
VIN
5.0µF
100
RB
100
-1.0V
VCC
+40V
RL
OUTPUT
S
6.0pF
TURN-OFF TIME
5.0µs
tr=3.0ns
VIN
5.0µF
100
RB
100
+VBB
VCC
+40V
RL
OUTPUT
S
6.0pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com