Electronic Components Datasheet Search
  English  ▼

X  

PZTA94 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZTA94
Description  HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA94 Datasheet(HTML) 2 Page - Unisonic Technologies

  PZTA94 Datasheet HTML 1Page - Unisonic Technologies PZTA94 Datasheet HTML 2Page - Unisonic Technologies PZTA94 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PZTA94
Preliminary
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-026.a
ABSOLUTE MAXIMUM RATING (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-6
V
Collector Power Dissipation(TA=25°C)
PD
625
mW
Collector Current
IC
-300
mA
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO IC=-100μA, IE=0
-400
V
Collector-Emitter Breakdown Voltage
BVCEO IC=-1mA, IB=0
-400
V
Collector-Emitter Breakdown Voltage
BVCES
IC=-100μA, VBE=0
-400
V
Emitter-Base Breakdown Voltage
BVEBO IE=-100μA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-300V, IE=0
-100
nA
Collector Cut-off Current
ICES
VCE =-400V, VBE=0
-1
μA
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
100
nA
DC Current Gain(note)
hFE
VCE=-10V, IC=-1mA
VCE=-10V, IC=-10mA
VCE=-10V, IC=-50mA
VCE=-10V, IC=-100mA
60
70
70
40
300
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-10mA, IB=-1mA
IC=-50mA, IB=-5mA
-0.20
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=-10mA, IB=-1mA
-0.75
V
Output Capacitance
Cob
VCB=-20V, IE=0, f=1MHz
7
pF
Note: Pulse test: Pulse Width<300μs, Duty Cycle<2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com