Electronic Components Datasheet Search
  English  ▼

X  

UD3018 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD3018
Description  NPN POWER BIPOLAR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD3018 Datasheet(HTML) 2 Page - Unisonic Technologies

  UD3018 Datasheet HTML 1Page - Unisonic Technologies UD3018 Datasheet HTML 2Page - Unisonic Technologies UD3018 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UD3018
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R214-023.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
250
V
Collector-Emitter Voltage
VCEO
250
V
Emitter-Base Voltage
VEBO
5.0
V
Collector-Emitter Voltage - 1.5V
VCEX
250
V
Continuous Collector Current
IC
15
A
Peak Collector Current (Note 1)
30
A
Continuous Base Current
IB
1.5
A
Total Power Dissipation @ TC=25°C
PD
150
W
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature Range
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Absolute
maximum ratings are those values beyond which the device could be permanently damaged.
2. Pulse Test: Pulse Width=5.0ms, Duty Cycle<10%.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Case
θJC
0.83
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage
BVCEO(SUS) IC=30mA, IB=0
250
V
Collector Cut-Off Current
ICBO
VCB=250V, IE=0
10
µA
Emitter Cut-Off Current
IEBO
VEB=5.0V, IC=0
5.0
µA
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5.0A, IB=0.5A
1.0
V
DC Current Gain
hFE
IC=0.5A,VCE=5.0V
75
150
IC=1.0A,VCE=5.0V
75
150
IC=3.0A,VCE=5.0V
75
150
Base-Emitter On Voltage
VBE(on)
IC=5.0A, VCE=5.0V
1.2
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=1.0A, VCE=5.0V, ftest=1.0MHz
30
MHz
Output Capacitance
Cob
VCB=10V, IE=0, ftest=1.0MHz
400
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com