Electronic Components Datasheet Search
  English  ▼

X  

CS8391 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8391
Description  5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8391 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8391 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8391 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8391 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8391 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8391 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8391 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 6V ² VIN ² 26V, IOUT1 = IOUT2 = 100µA, -40¡C ² TC ² 125ûC, -40¡C ² TJ ² 150ûC unless otherwise specified
s Primary Output Stage (VOUT1)
Output Voltage, VOUT1
100µA ² IOUT1 ² 250mA
4.85
5.00
5.15
V
Dropout Voltage
IOUT1 = 250mA
400
600
mV
IOUT1 = 100µA
100
150
mV
Line Regulation
6V ² VIN ² 26V
5
50
mV
Load Regulation
1mA ² IOUT1 ² 250mA, VIN = 14V
5
50
mV
Quiescent Current
ENABLE = HIGH, VIN = 16V,
22
50
mA
IOUT1 = 250mA
Ripple Rejection
f = 120Hz, IOUT1 = 125mA, 7V ² VIN ² 17V
60
70
dB
Current Limit
260
400
mA
Short Circuit Current Limit
VOUT1 = 0V, VIN = 16V
25
mA
Reverse Current
VOUT1 = 5V, VIN = 0V
100
1500
µA
s Secondary Output (VOUT2)
Output Voltage, VOUT2
100µA ² IOUT2 ² 100mA
4.85
5.00
5.15
V
Dropout Voltage
IOUT2 = 100mA
400
600
mV
IOUT2 = 100µA
100
150
mV
Line Regulation
6V ² VIN ² 26V
5
50
mV
Load Regulation
100µA ² IOUT2 ² 100mA, VIN = 14V
5
50
mV
Quiescent Current
ENABLE = LOW, VIN = 12.8V
100
150
µA
ENABLE = HIGH, VIN = 16V,
8
25
mA
IOUT2 = 100mA
Ripple Rejection
f = 120Hz, IOUT2 = 50mA, 7V ² VIN ² 17V
60
70
dB
Current Limit
105
200
mA
Short Circuit Current Limit
VOUT2 = 0V, VIN = 16V, IOUT1 = 0A
25
mA
Reverse Current
VOUT2 = 5V, VIN = 0V
100
250
µA
s Enable Function (ENABLE)
Input Threshold
ENABLE = LOW, 7V ² VIN ² 26V
1.2
0.8
V
ENABLE = HIGH, 7V ² VIN ² 26V
2.0
1.2
V
Input Bias Current
0V ² VENABLE ²5V
-2
0
2
µA
s Protection Circuits
Overtemperature Threshold
(Guaranteed by Design)
150
180
¡C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com