| Electronic Components Datasheet Search |
|
1888653-4 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1888653-4 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 32 page ![]() 2 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Introduction Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Solutions For AdvancedTCA Hardware designers, particularly those working on blades or chassis, are currently faced with huge challenges. The needs of the communications net- work infrastructure and next generation communication applications are rapidly changing, and cannot be served by existing propri- etary solutions. Therefore AdvancedTCA (Advanced Telecommuni- cations Computing Architecture), MicroTCA (Micro Telecommunications Computing Architecture) and AdvancedMC (Advanced Mezzanine Card) open industry standards have been developed by PICMG to place a high priority on cost effectiveness while attempting to support a variety of potential future technologies. This new standard is also supported by Tyco Electronics, which shows the full range of AdvancedTCA, MicroTCA and AdvancedMC compliant components that can be offered for the wide area of applications within telecom- munication as well as data communication. Why are AdvancedTCA and MicroTCA Standards Important? AdvancedTCA and MicroTCA provide a means for the telecommunications equipment market to take advantage of standardized, off-the-shelf hardware (enabling differentiation through application-layer and system-level software rather than hardware). • Shorter time to market • Increased vendor choice • Increased flexibility • Multiple switch fabrics supported • User defined I/O • Lower cost (Acquisition CapEx/OpEx) Examples of Telecom & Network Equipment Manufacturers’ Related AdvancedTCA and MicroTCA Applications & Systems Wireless Infrastructure Equipment • Base Stations 3G (IMT-2000) WCDMA CDMA2000 TD-SCDMA • Radio Network Controllers (RNC) • Serving Gateway Support Node (SGSN) • Gateway GPRS Support Node (GGSN) • Home Location Register (HLR) • IP Multimedia Subsystem (IMS) Servers • Media and Application Servers • Media Gateways and Soft Switches Wireline Networking Equipment • DSLAMs • Multi-service switches • Media servers • Blade servers • VOIP Session Controllers Fiber Optic Networking Equipment Need more information? Call Technical Support at the numbers listed below. Technical Support is staffed with specialists well versed in all Tyco Electronics products. They can provide you with : I Technical Support I Catalogs I Technical Documents I Product Samples I Tyco Electronics Authorized Distributor Locations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |