Electronic Components Datasheet Search
  English  ▼

X  

95056 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 95056
Description  Low Power Ceramic Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

95056 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  95056 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is protected under US Patent # 6054914, #6198374 and other international patents.
Specifications subject to change without notice. 03/13
LTCC
Low Power Ceramic Transformer
95056-95063
NASCENTechnology, Inc. has developed a family of transformers to demonstrate what can be done with
Low Temperature Co-fired Ceramic (LTCC) transformers. This includes a set of four transformers suitable
for higher frequencies and with large turns ratios. A second set of four transformers is suitable for lower
frequencies and has smaller turns ratios. Both sets have split primary and secondary windings that can
be easily connected to adjust turns ratios. The parts are intended for low power applications and can pass
as much as 1250 mW of continuous power (40°C rise) with a 15-24 V input. The dielectric breakdown
rating is 500 Vrms. Typical operating frequency range is 200-1000 kHz.
For additional information, contact: Daryl Schofield
Phone: 605-882-8513, Fax: 605-884-2450, E-Mail: dschofield@nascentechnology.com
NASCENTechnology, Inc. 121 Airport Drive, Watertown, SD 57201
www.nascentechnology.com
Electrical Parameters
Part No
Turns
Ratio
V-us
Rating
Primary
Resistance
Secondary
Resistance
Primary
Inductance (1)
Secondary
Inductance (1)
Leakage
Inductance (1,2)
(1-4)
+/- 20%
(5-8)
+/- 20%
(1-4) H
+/- 20%
(5-8) H
+/- 20%
(1-4) H
TYP.
95056
1:1
4.5
0.64
0.64
60
60
5.4
95057
1:2
4.5
0.64
1.25
46
170
3.7
95058
1:3
4.5
0.68
4.24
56
450
3.5
95059
1:4
4.5
0.66
7.09
66
910
3.2
95060
1:0.5
9.0
3.60
0.66
280
72
17.4
95061
1:1
9.0
3.60
3.60
368
364
12.4
95062
1:1.5
9.0
3.80
4.30
280
550
9.5
95063
1:2
9.0
3.60
7.14
350
1230
8.3
Features
Low profile
Rugged package
Self shielding
Pick and place
Customization available
Applications
Isolated power supplies
Isolated data acquisition
Bridging ground differences
Isolated clock/sync interface
Process control
Notes: 1) 500 kHz, 0.5 VAC
2) Terminals 2-3, 6-7 joined
3) Dielectric rating: 500 VAC
4) Power rating: 1250 mW


Similar Part No. - 95056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9505 ETC2-9505 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
3M Electronics
9505 3M-9505 Datasheet
141Kb / 5P
3M™ Adhesive Transfer Tape 9505
Oct-2013
logo
Keystone Electronics Co...
9505 KEYSTONE-9505 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
logo
Belden Inc.
9505 BELDEN-9505 Datasheet
202Kb / 2P
RS232, #24-5pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
logo
Keystone Electronics Co...
9505 KEYSTONE-9505 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 95056

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3117S-X PCA-EPC3117S-X Datasheet
35Kb / 1P
Push-Pull Low Power Transformer
logo
Rhombus Industries Inc.
T-60366 RHOMBUS-IND-T-60366 Datasheet
21Kb / 1P
Low Profile PC Power Transformer
12/15/95
T-60367 RHOMBUS-IND-T-60367 Datasheet
24Kb / 1P
Low Profile PC Power Transformer
7/24/96
T-60369 RHOMBUS-IND-T-60369 Datasheet
26Kb / 1P
Low Profile PC Power Transformer
11/12/96
T-60374 RHOMBUS-IND-T-60374 Datasheet
28Kb / 1P
Low Profile PC Power Transformer
2/27/98
logo
PCA ELECTRONICS INC.
EPC3117S-X PCA-EPC3117S-X_07 Datasheet
26Kb / 1P
Push-Pull Low Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
Low Profile Power Transformer
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
Push-Pull Low Power Transformer
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
Low Profile Power Transformer
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
Low Profile Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com