Electronic Components Datasheet Search
  English  ▼

X  

1658013-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1658013-3
Description  MICTOR Right-Angle Receptacles
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658013-3 Datasheet(HTML) 2 Page - Tyco Electronics

  1658013-3 Datasheet HTML 1Page - Tyco Electronics 1658013-3 Datasheet HTML 2Page - Tyco Electronics 1658013-3 Datasheet HTML 3Page - Tyco Electronics 1658013-3 Datasheet HTML 4Page - Tyco Electronics 1658013-3 Datasheet HTML 5Page - Tyco Electronics 1658013-3 Datasheet HTML 6Page - Tyco Electronics 1658013-3 Datasheet HTML 7Page - Tyco Electronics 1658013-3 Datasheet HTML 8Page - Tyco Electronics 1658013-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
42
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
Introduction to the MICTOR SB Interconnection System
(0.50 [.020] and 0.80 [.032] Centerline)
Product Facts
I
0.50 [.020] centerline
product: 105 dedicated
signal lines per inch within
one module (60 contacts
per module; modules on
20.0 [.788] centerlines)
I
0.80 [.032] centerline
product: 66.8 dedicated
signal lines per inch within
one module (40 contacts
per module; modules on
20.0 [.788] centerlines)
I
Surface mount family
designed for parallel board-
to-board, flex-to-board and
cable-to-board
configurations
I
Infrared and forced air
convection compatible
housing materials
I
Designed for 50 ohm
systems or 100 ohm systems
I
Connector housings
polarized for correct mating
I
Packaging styles available
in trays and pocket tape,
with both styles available
with or without vacuum dots
I
Recognized under the
Component Program of
Underwriter
Laboratories Inc.
File No. E111594
R
The MICTOR SB connector
family is based on the
Micro-Strip concept of two
rows of signal contacts
divided by a center power
ground plane.
Various mated heights are
available for parallel board-
to-board systems. The
MICTOR SB connector fam-
ily is available in 0.50 [.020]
and 0.80 [.032] centerlines.
They are available in sizes
ranging from 60 to 300 sig-
nal positions (in 60 position
increments) for the 0.50
[.020] centerline products
and from 40 to 200 signal
positions (in 40 position
increments) for the 0.80
[.032] centerline products.
There is a discrete ground
bus every 20.0 [.788] of the
connector length, which
can be assigned to either
power or ground in any
combination.
The housing material is
a liquid crystal polymer,
compatible with infrared
and forced air convection
operations.
The connector system
maintains impedance and
uses the solid ground bus
between the rows of signals
to provide low crosstalk and
excellent high-speed signal
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com