Electronic Components Datasheet Search
  English  ▼

X  

95075 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 95075
Description  LTCC High Voltage Flyback Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

95075 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  95075 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is protected under US Patent #6054914, #6198374 and other international patents.
Specifications subject to change without notice. 03/13
LTCC
High Voltage Flyback Transformer
95075, 95075-STX
NASCENTechnology, Inc. has developed a transformer for high voltage flyback applications using low
temperature co-fired ceramic (LTCC) ferrite. Using a standard flyback circuit, 1500 VDC output is easily
achieved from a 15 VDC input. The monolithic structure provides superior mechanical strength and lower
profile over traditional transformer technology.
For additional information, contact: Daryl Schofield
Phone: 605-882-8513, Fax: 605-884-2450, E-mail: dschofield@nascentechnology.com
NASCENTechnology, 121 Airport Drive, Watertown, SD 57201
www.nascentechnology.com
Electrical Parameters
Primary
Inductance
100 kHz
500 mV
28.0 H
+/- 30%
Pulse
Inductance
15 VDC
2.0A pk
21.0 H
+/- 3 H
Leakage
Inductance
100 kHz
500 mV
9 H typ.
Secondary
Inductance
100 kHz
500 mV
1.60 mH
+/- 30 %
Primary
Resistance
1.45 Ω
+/- 20%
Secondary
Resistance
27.4 Ω
+/- 20%
Dielectric
Rating
60 Hz, 1s
1500 V
Turns ratio
1:8
V- s Rating
60
Features
Low profile
Rugged package
Self shielding
Pick and place
Customization available
Variants
-STX’s are pre-stressed
xx
NASCENT
95072


Similar Part No. - 95075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
95075 ETC2-95075 Datasheet
162Kb / 1P
Demo Boards High Voltage Flyback Charge Circuit
More results

Similar Description - 95075

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPC3229G-1 PCA-EPC3229G-1 Datasheet
20Kb / 1P
High Voltage Flyback Transformer
logo
List of Unclassifed Man...
95073 ETC2-95073 Datasheet
361Kb / 1P
LTCC High Voltage Flyback Transformer
95090 ETC2-95090 Datasheet
230Kb / 1P
LTCC Pulse Transformer
95092 ETC2-95092 Datasheet
648Kb / 6P
High Temperature, High Voltage Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
logo
PCA ELECTRONICS INC.
EPC3229G-X PCA-EPC3229G-X_15 Datasheet
20Kb / 1P
High Voltage Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com