Electronic Components Datasheet Search
  English  ▼

X  

95090 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 95090
Description  LTCC Pulse Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

95090 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  95090 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is protected under US Patent #6054914, #6198374 and other international patents.
Specifications subject to change without notice. 03/13
LTCC
Pulse Transformer
95090
NASCENTechnology has developed a pulse transformer for triggering or signaling applications using low
temperature co-fired ceramic (LTCC) ferrite. The monolithic structure affords improved mechanical
strength over traditional transformer technology.
For additional information
contact: Daryl Schofield
Phone: 605-882-8513, Fax: 605-884-2450
E-mail: dschofield@nascentechnology.com
NASCENTechnology
121 Airport Drive
Watertown, SD 57201
www.nascentechnology.com
Electrical Parameters
Primary
Inductance
100 kHz
500 mV
400 uH
+/- 20%
Leakage
Inductance
100 kHz
500 mV
42 uH typ.
Primary
Resistance
4.85 ohms
+/- 20%
Secondary
Resistance
3.20 ohms
+/- 20%
Dielectric
Rating
60 Hz, 1s
1500 V
Turns ratio
1:1
V-us Rating
30
Features
Low profile
Rugged package
Self shielding
Pick and place
1500VAC Isolation
Operating Frequency:
50 kHz and up
Operating Temperature:
-40 to +85 C
Customization available


Similar Part No. - 95090

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
logo
List of Unclassifed Man...
9509060100 ETC2-9509060100 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
9509060100 ETC2-9509060100 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
95090601000 ETC2-95090601000 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
95090601000 ETC2-95090601000 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results

Similar Description - 95090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-821 RHOMBUS-IND-T-821 Datasheet
34Kb / 1P
Pulse Transformer
11/16/96
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
Pulse Transformer
7/29/96
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
Pulse Transformer
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
PULSE TRANSFORMER
R12704 MPSIND-R12704 Datasheet
267Kb / 1P
PULSE TRANSFORMER
logo
List of Unclassifed Man...
95073 ETC2-95073 Datasheet
361Kb / 1P
LTCC High Voltage Flyback Transformer
95075 ETC2-95075 Datasheet
325Kb / 1P
LTCC High Voltage Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com