Electronic Components Datasheet Search
  English  ▼

X  

SCD-181M Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SCD-181M
Description  Spark Gap Protectors (SPG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCD-181M Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SCD-181M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCD-181M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCD-181M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCD-181M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCD-181M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
1 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCD Series
SOCAY Electronics Co., Ltd.
www.socay.com
u
Approximately zero leaking current before clamping voltage
u
Less decay at on/off state.
u
High capability to withstand repeated lightning strikes.
u
Low electrode capacitance (
≤1.0pF) and high isolation
(
≥100MΩ).
u
RoHS compliant.
u
Bilateral symmetrical.
u
Temperature, humidity and lightness insensitive.
u
Operating temperature: -40℃~ +85 ℃
u
Storage temperature: -40
~ +125
℃℃
u
Meets MSL level 1, per J-STD-020
u
Power Supplies
u
Motor sparks eliminating
u
Relay switching spark absorbing
u
Data line pulse guarding
u
Electronic devices requiring UL497A and UL497B compliant
u
Telephone/Fax/Modem
u
High frequency signal transmitters/receivers
u
Satellite antenna
u
Radio amplifiers
u
Alarm systems
u
Cathode ray tubes in Monitors/TVs
(1) Series
(2) VS Voltage, e.g. 201=20X10
1=200V
(3) VS Voltage tolerance: L - ±15%, M - ±20%, N - ±30%
Dimensions
Inches
Millimeters
A
1.102
±0.079
28.0
±2.0
B
0.169
±0.039
4.3
±0.05
C
0.020
±0.002
0.5
±0.05
D
0.122
±0.020
3.1
±0.5
Applications
Features
Part Numbering
SCD -
201
M
(1)
(2)
(3)
Dimensions


Similar Part No. - SCD-181M

ManufacturerPart #DatasheetDescription
logo
Eravant
SCD-1834031012-KF-SA ERAVANT-SCD-1834031012-KF-SA Datasheet
365Kb / 3P
Coaxial Directional Coupler, 18 to 40 GHz, 10 dB Coupling Level
Rev 1.2
SCD-1834032012-KF-SA ERAVANT-SCD-1834032012-KF-SA Datasheet
272Kb / 3P
Coaxial Directional Coupler, 18 to 40 GHz, 20 dB Coupling Level
Rev 1.1
SCD-1835031010-2F-SA ERAVANT-SCD-1835031010-2F-SA Datasheet
292Kb / 3P
Coaxial Directional Coupler, 18 to 50 GHz, 10 dB Coupling Level
Rev 1.1
SCD-1835032010-2F-SA ERAVANT-SCD-1835032010-2F-SA Datasheet
302Kb / 3P
Coaxial Directional Coupler, 18 to 50 GHz, 20 dB Coupling Level
Rev 1.1
More results

Similar Description - SCD-181M

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com