Electronic Components Datasheet Search
  English  ▼

X  

SC1206ML050M Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SC1206ML050M
Description  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206ML050M Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SC1206ML050M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
5 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
Length (L)
Width (W)
Thickness (T)
Size EIA
(EIAJ)
Inches
Millimeters
Inches
Millimeters
Inches
Millimeters
0805
(2012)
0.079
±0.008
2.00
±0.20
0.049
±0.006
1.25
±0.15
0.047 Max
1.20 Max
1206
(3216)
0.126
±0.008
3.20
±0.20
0.063
±0.006
1.60
±0.15
0.059 Max
1.50 Max
1210
(3225)
0.126
±0.008
3.20
±0.20
0.098
±0.008
2.50
±0.20
0.059 Max
1.50 Max
1812
(4532)
0.177
±0.008
4.50
±0.20
0.126
±0.008
3.20
±0.20
0.079 Max
2.00 Max
2220
(5750)
0.224
±0.008
5.70
±0.20
0.197
±0.008
5.00
±0.20
0.098 Max
2.50 Max
l Recommended solder Pad Layout
A
B
C
D
Size EIA
(EIAJ)
Inches
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Millimeters
0805 (2012)
0.039~0.059
1.0~1.5
0.126~0.150
3.2~3.8
0.047~0.055
1.2~1.4
0.012~0.024
0.3~0.6
1206 (3216)
0.071~0.098
1.8~2.5
0.165~0.228
4.2~5.8
0.047~0.063
1.2~1.6
0.016~0.032
0.4~0.8
1210 (3225)
0.071~0.098
1.8~2.5
0.165~0.228
4.2~5.8
0.071~0.098
1.8~2.5
0.020~0.040
0.5~1.0
1812 (4532)
0.098~0.138
2.5~3.5
0.217~0.240
5.5~6.1
0.091~0.126
2.3~3.2
0.024~0.043
0.6~1.1
2220 (5750)
0.138~0.181
3.5~4.6
0.236~0.283
6.0~7.2
0.189~0.217
4.8~5.5
0.047~0.090
1.2~2.3
l The solder paste shall be printed in a thickness of 150 to 200
μm.
l The SIR test of the solder paste shall be done (Base on JIS-Z-3284)
l IR Soldering
Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and gradual cooling
process is suggested. IR soldering has the highest yields due to controlled heating rates and solder liquidus times. Make sure
that the element is not subjected to a thermal gradient steeper than 4 degrees per second. 2 degrees per second is the ideal
gradient. During the soldering process, pre-heating to within 100 degrees of the solder peak temperature is essential to
minimize thermal shock.
Dimensions
L
T
W
Soldering Recommendations
Avoid material run this area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com