| Electronic Components Datasheet Search |
|
SC60-005 Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC60-005 Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision February 27, 2014 4 / 4 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC60 Series SOCAY Electronics Co., Ltd. www.socay.com Figure1 Figure2 A B C D Lead (dia) Inches mm Inches mm Inches mm Inches mm Part Number Figure Max. Max. Max. Max. Typ. Typ. Max. Max. Inches Mm Packaging (Bulk Pack) SC60-005 Figure1 0.236 6.0 0.405 10.3 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-010 Figure1 0.236 6.0 0.405 10.3 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-017 Figure1 0.236 6.0 0.445 11.3 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-020 Figure1 0.236 6.0 0.421 10.7 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-025 Figure1 0.236 6.0 0.445 11.3 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-030 Figure1 0.236 6.0 0.472 12.0 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-040 Figure1 0.276 7.0 0.472 12.0 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-050 Figure1 0.283 7.2 0.480 12.2 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-065 Figure1 0.346 8.8 0.543 13.8 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-075 Figure1 0.374 9.5 0.570 14.5 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-090 Figure1 0.421 10.7 0.618 15.7 0.200 5.1 0.122 3.1 0.020 0.5 1000 SC60-110 Figure2 0.480 12.2 0.618 15.7 0.200 5.1 0.122 3.1 0.031 0.8 1000 SC60-135 Figure2 0.543 13.8 0.681 17.3 0.200 5.1 0.122 3.1 0.031 0.8 1000 SC60-160 Figure2 0.614 15.6 0.772 19.6 0.200 5.1 0.122 3.1 0.031 0.8 500 SC60-185 Figure2 0.661 16.8 0.819 20.8 0.200 5.1 0.122 3.1 0.031 0.8 500 SC60-200 Figure2 0.661 16.8 0.819 20.8 0.200 5.1 0.122 3.1 0.031 0.8 500 SC60-250 Figure2 0.811 20.6 0.949 24.1 0.200 5.1 0.122 3.1 0.031 0.8 500 SC60-300 Figure2 0.933 23.7 1.071 27.2 0.200 5.1 0.122 3.1 0.031 0.8 200 SC60-375 Figure2 1.023 26.0 1.161 29.5 0.400 10.2 0.122 3.1 0.031 0.8 200 SC60-500 Figure2 1.023 26.0 1.161 29.5 0.400 10.2 0.122 3.1 0.031 0.8 200 u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing and flame. u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go into a high resistance state but not open circuit hazardous voltage may be present at PPTC. u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be used when repeated fault conditions or prolonged trip events. u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device. u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which lack adequate clearance to accommodate device expansion. u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices. For example, Organic solvents to cleaning. Dimensions Warning |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |