Electronic Components Datasheet Search
  English  ▼

X  

SC135-080 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC135-080
Description  Radial Lead Resettable Polymer PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC135-080 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC135-080 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC135-080 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC135-080 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC135-080 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
1 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC135 Series
SOCAY Electronics Co., Ltd.
www.socay.com
SC135 Series is designed to protect against short duration
high voltage fault currents (power cross or power induction
surge) typically used in AC110V.
u
0.05-3.5A hold current rating
u
135VAC operating voltage
u
Fast time-to- trip
u
RoHS compliant, Lead-Free and Halogen-Free
u
AC110V over-current protection
u
Power ports
u
Customer Premises Equipment(CPE)
Maximum Time
To Trip
Resistance
Part Number
I hold (A)
I trip
(A)
V max
(Vac)
I max
(A)
P dtyp.
(W)
Current
(A)
Time
(Sec.)
R min
(
Ω)
R max
(
Ω)
R 1max
(
Ω)
SC135-050
0.05
0.10
135
2.5
0.27
0.25
4.0
13.5
27.0
36.0
SC135-060
0.060.08
0.12
135
3.0
0.30
0.30
4.0
10.0
20.0
27.0
SC135-080
0.08
0.16
135
4.0
0.38
0.40
4.0
7.5
15.0
20.0
SC135-100
0.10
0.20
135
5.0
0.40
0.50
5.0
5.0
10.0
13.5
SC135-120
0.12
0.24
135
6.0
0.46
0.60
6.0
4.0
8.0
10.8
SC135-160
0.16
0.32
135
6.0
0.50
0.80
7.0
2.2
5.0
6.8
SC135-200
0.20
0.40
135
6.0
0.72
1.00
5.0
1.8
4.5
6.0
SC135-250
0.25
0.50
135
6.0
0.90
1.25
5.0
1.6
3.6
4.8
SC135-300
0.30
0.60
135
6.0
1.0
1.50
5.0
1.2
2.7
3.3
SC135-400
0.40
0.80
135
6.0
1.3
2.00
5.0
0.90
2.0
2.4
SC135-500
0.50
1.0
135
7.5
1.6
2.50
5.0
0.75
1.65
2.0
SC135-550
0.55
1.1
135
7.5
1.6
2.75
5.0
0.60
1.45
1.75
SC135-650
0.65
1.3
135
7.5
1.7
3.25
8.0
0.45
1.00
1.2
SC135-750
0.75
1.5
135
7.5
1.8
3.75
8.0
0.35
0.80
0.96
SC135-900
0.90
1.8
135
9.0
2.1
4.50
8.0
0.30
0.65
0.80
SC135-1000
1.00
2.0
135
10.0
2.2
5.00
8.0
0.25
0.55
0.66
SC135-1100
1.10
2.2
135
11.0
2.4
5.50
9.0
0.22
0.50
0.60
SC135-1250
1.25
2.5
135
12.5
2.6
6.25
10.0
0.18
0.40
0.48
SC135-1350
1.35
2.7
135
13.5
2.8
6.75
10.0
0.16
0.36
0.43
SC135-1600
1.60
3.2
135
16.0
3.2
8.00
10.0
0.13
0.27
0.33
SC135-1850
1.85
3.7
135
18.5
3.6
9.25
10.0
0.11
0.22
0.27
SC135-2000
2.00
4.0
135
20.0
3.9
10.0
12.0
0.10
0.20
0.24
SC135-2500
2.50
5.0
135
20.0
4.6
12.5
15.0
0.075
0.15
0.18
SC135-3000
3.00
6.0
135
20.0
5.3
15.0
15.0
0.060
0.12
0.15
SC135-3500
3.50
7.0
135
20.0
6.0
17.5
15.0
0.050
0.10
0.12
I hold= Hold current: maximum current device will pass without tripping in 25°C still air.
I trip= Trip current: minimum current at which the device will trip in 25°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 25°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R max= Maximum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 25°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
Description
Features
Electrical Parameters
Applicable


Similar Part No. - SC135-080

ManufacturerPart #DatasheetDescription
logo
France Joint
SC135X160X12 FRANCEJOINT-SC135X160X12 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC135X160X13 FRANCEJOINT-SC135X160X13 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC135X160X15 FRANCEJOINT-SC135X160X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC135X170X12 FRANCEJOINT-SC135X170X12 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC135X170X15 FRANCEJOINT-SC135X170X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC135-080

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
Radial Lead Resettable Polymer PTCs
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
Radial Lead Resettable Polymer PTCs
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com