Electronic Components Datasheet Search
  English  ▼

X  

CS8361YN16 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8361YN16
Description  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361YN16 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8361YN16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361YN16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361YN16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361YN16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361YN16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361YN16 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VIN
VSTBY
CS8361
Gnd
10
µF
ESR<8
Ω
VDD
I/O
MCU
Gnd
B+
C2**
C1*
VTRK
RESET
ENABLE
RESET
5V, 100mA
Adj
10
µF
ESR<8
Ω
C3**
SW 8V,
250mA
R3
R2
R1
* C1 is required if regulator is located far from power supply filter.
** C2 and C3 are required for stability.
VTRK ~ VSTBY (1 + R1/R2)
For VTRK ~ 8V, R1/R2 ~ 0.6
0.1
µF
5
Test & Application Circuits
VIN
VSTBY
CS8361
Gnd
10
µF
ESR<8
Ω
VDD
I/O
MCU
Gnd
B+
C2**
C1*
VTRK
RESET
ENABLE
RESET
5V, 100mA
Adj
10
µF
ESR<8
Ω
C3**
SW 5V,
250mA
R1
0.1
µF
* C1 is required if regulator is located far from power supply filter.
** C2 and C3 are required for stability.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of RQJA:
RQJA = RQJC + RQCS + RQSA
(3)
where:
RQJC = the junctionÐtoÐcase thermal resistance,
RQCS = the caseÐtoÐheat sink thermal resistance, and
RQSA = the heat sinkÐtoÐambient thermal resistance.
RQJC appears in the package section of the data sheet. Like
RQJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heat sink and the inter-
face between them. These values appear in heat sink data
sheets of heat sink manufacturers.
Heat Sinks
Application Notes: continued
Figure 2: 5V, 8V Regulator
Figure 3: Dual 5V Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com