Electronic Components Datasheet Search
  English  ▼

X  

SC60-030 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC60-030
Description  Radial Lead Resettable Polymer PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC60-030 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC60-030 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC60-030 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC60-030 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC60-030 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision February 27, 2014
1 / 4
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC60 Series
SOCAY Electronics Co., Ltd.
www.socay.com
SC60 series radial leaded PTCs are designed to provide
over-current protection for low voltage (≤60V)
applications
where space is not a concern and resettable protection is
preferred.
u
Cured,
flame retardant epoxy polymer meets UL 94V-0
requirements
u
60V operating voltage
u
Fast time-to-trip
u
RoHS compliant, Lead-Free and Halogen-Free
u
USB hubs ,ports and
peripherals
u
Power ports
u
IEEE1394 ports
u
Motor protection
u
Automotive application
u
Computers and peripherals
u
General electronics
Maximum Time
To Trip
Resistance
Part Number
I hold (A)
I trip
(A)
V max
(Vdc)
I max
(A)
P dtyp.
(W)
Current
(A)
Time
(Sec.)
R min
(
Ω)
R max
(
Ω)
R 1max
(
Ω)
SC60-005
0.05
0.10
60
40
0.22
0.25
5.0
7.30
20.00
30.00
SC60-010
0.10
0.20
60
40
0.38
0.50
4.0
2.50
7.50
12.00
SC60-017
0.17
0.34
60
40
0.48
0.85
3.0
2.00
5.20
8.00
SC60-020
0.20
0.40
60
40
0.41
1.00
2.2
1.50
3.00
4.40
SC60-025
0.25
0.50
60
40
0.45
1.25
2.5
1.10
2.20
3.00
SC60-030
0.30
0.60
60
40
0.49
1.50
3.0
0.80
1.60
2.10
SC60-040
0.40
0.80
60
40
0.56
2.00
3.8
0.50
1.00
1.29
SC60-050
0.50
1.00
60
40
0.77
2.50
4.0
0.45
0.90
1.17
SC60-065
0.65
1.30
60
40
0.88
3.25
5.3
0.30
0.60
0.72
SC60-075
0.75
1.50
60
40
0.92
3.75
6.3
0.25
0.50
0.60
SC60-090
0.90
1.80
60
40
0.99
4.50
7.2
0.20
0.40
0.47
SC60-110
1.10
2.20
60
40
1.50
5.50
8.2
0.15
0.32
0.38
SC60-135
1.35
2.70
60
40
1.70
6.75
9.6
0.12
0.24
0.30
SC60-160
1.60
3.20
60
40
1.90
8.00
11.4
0.09
0.18
0.22
SC60-185
1.85
3.70
60
40
2.10
9.25
12.6
0.08
0.16
0.20
SC60-200
2.00
4.00
60
40
2.10
6.00
20.0
0.08
0.16
0.20
SC60-250
2.50
5.00
60
40
2.50
12.50
15.6
0.05
0.11
0.13
SC60-300
3.00
6.00
60
40
2.80
15.00
19.8
0.04
0.08
0.10
SC60-375
3.75
7.50
60
40
3.20
18.75
24.0
0.03
0.065
0.08
SC60-500
5.00
10.00
60
40
3.20
15.00
25.0
0.025
0.05
0.06
I hold= Hold current: maximum current device will pass without tripping in 25°C still air.
I trip= Trip current: minimum current at which the device will trip in 25°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 25°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R max= Maximum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 25°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
Description
Features
Electrical Parameters
Applications


Similar Part No. - SC60-030

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
SC60-01 FRONTIER-SC60-01 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
SC60-02 FRONTIER-SC60-02 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
SC60-04 FRONTIER-SC60-04 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
SC60-06 FRONTIER-SC60-06 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
More results

Similar Description - SC60-030

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
Radial Lead Resettable Polymer PTCs
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
Radial Lead Resettable Polymer PTCs
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com