| Electronic Components Datasheet Search |
|
SC6-075 Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC6-075 Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 4 / 4 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC6 Series SOCAY Electronics Co., Ltd. www.socay.com Figure1 Figure2 A B C D Lead (dia) Inches mm Inches mm Inches mm Inches mm Part Number Figure Max. Max. Max. Max. Typ. Typ. Max. Max. Inches mm Packaging (Bulk Pack) SC6-050 Figure1 0.236 6.0 0.445 11.3 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-065 Figure1 0.236 6.0 0.472 12.0 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-075 Figure1 0.276 7.0 0.472 12.0 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-090 Figure2 0.256 6.5 0.453 11.5 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-110 Figure2 0.276 7.0 0.472 12.0 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-120 Figure1 0.283 7.2 0.480 12.2 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-135 Figure2 0.256 6.5 0,591 14.5 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-160 Figure2 0.346 8.8 0.543 13.8 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-185 Figure2 0.346 8.8 0.610 15.5 0.200 5.1 0.118 3.0 0.020 0.5 1000 SC6-250 Figure2 0.394 10.0 0.630 16.0 0.200 5.1 0.118 3.0 0.020 0.5 1000 u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing and flame. u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go into a high resistance state but not open circuit hazardous voltage may be present at PPTC. u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be used when repeated fault conditions or prolonged trip events. u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device. u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which lack adequate clearance to accommodate device expansion. u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices. For example, Organic solvents to cleaning. Dimensions Warning |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |