Electronic Components Datasheet Search
  English  ▼

X  

LB135DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB135DS01
Description  135.42MHz Low-Loss SAWF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB135DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB135DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB135DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB135DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LB LB135DS01
Rev. Date
2004-10-12
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
135.42MHz Low-Loss SAWF
8MHz Bandwidth
Part Number: LB135DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
135.22
135.42
135.62
Insertion Loss
dB
-
13.7
14
3 dB Bandwidth
MHz
8
8.6
9
40 dB Bandwidth
MHz
-
15.5
20
Phase Ripple
degree
-
6
-
Absolute Delay
usec
-
0.62
-
Passband Variation
dB
-
1
1.5
Group Delay Variation
nsec
-
64
80
Ultimate Rejection
dB
35
38
-
Substrate Material
YZ LN
Ambient Temperature
°C
25
Package Size
SMP (7x5x1.48mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration


Similar Part No. - LB135DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
135.42MHz Low-Loss SAWF 8MHz Bandwidth
More results

Similar Description - LB135DS01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
135.42MHz Low-Loss SAWF 8MHz Bandwidth
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
TAI-SAW TECHNOLOGY CO.,...
TB0571A TAI-SAW-TB0571A Datasheet
275Kb / 8P
SAW Filter 135.42MHz SMD 7.0횞5.0mm
logo
List of Unclassifed Man...
WGW40G60W ETC2-WGW40G60W Datasheet
446Kb / 7P
Low Loss IGBT
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
Low Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com