Electronic Components Datasheet Search
  English  ▼

X  

LB140DS15 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB140DS15
Description  140MHz Low-loss SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS15 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS15 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS15 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS15 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS15 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS15
Rev. Date
2007-04-11
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz Low-loss SAW Filter
20MHz Bandwidth
Part Number: LB140DS15
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
140
-
Insertion Loss
dB
-
10.3
11.5
1 dB Bandwidth
MHz
18.4
21.21
-
3 dB Bandwidth
MHz
19.6
22.07
-
35 dB Bandwidth
MHz
-
25.66
26.4
40 dB Bandwidth
MHz
-
26.3
-
Passband Variation
(Over the 1dB bandwidth)
dB
-
0.6
1
Absolute Delay
usec
-
1.2
-
Group Delay Variation
(130.8~149.2MHz)
nsec
-
80
160
10~90MHz
dB
35
64
-
90~125MHz
dB
40
52
-
120~126.8MHz
dB
35
52
-
155~160MHz
dB
40
45
-
160~190MHz
dB
40
46
-
Ultimate Rejection
190~800MHz
dB
35
73
-
Input VSWR(130.8~149.2MHz)
-
-
1.67
2.8
Output VSWR(130.8~149.2MHz)
-
-
1.41
2.3
Material Temperature coefficient
KHz/°C
-13.16
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show


Similar Part No. - LB140DS15

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
More results

Similar Description - LB140DS15

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS16 SIPAT-LB140DS16 Datasheet
153Kb / 3P
140MHz Low-loss SAW Filter
LB140DS22 SIPAT-LB140DS22 Datasheet
158Kb / 3P
140MHz Low-loss SAW Filter
LB140DS23 SIPAT-LB140DS23 Datasheet
294Kb / 3P
140MHz Low-loss SAW Filter
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter
LB140DS25 SIPAT-LB140DS25 Datasheet
304Kb / 3P
140MHz Low-loss SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com