Electronic Components Datasheet Search
  English  ▼

X  

CS3012-IS Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS3012-IS
Description  Precision Low Voltage Amplifier; DC to 1 kHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-IS Datasheet(HTML) 3 Page - Cirrus Logic

  CS3012-IS Datasheet HTML 1Page - Cirrus Logic CS3012-IS Datasheet HTML 2Page - Cirrus Logic CS3012-IS Datasheet HTML 3Page - Cirrus Logic CS3012-IS Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CS3011
CS3012
3
1.2
ABSOLUTE MAXIMUM RATINGS
2. ORDERING INFORMATION
3. AVAILABILITY
Samples: November 1, 2002
Production: December 1, 2002
Parameter
Min
Typ
Max
Unit
Supply Voltage
[(V+) - (V-)]
6.8
V
Input Voltage
V- -0.3
V+ +0.3
V
Storage Temperature Range
-65
+150
ºC
Part #
Temperature Range
Package Description
CS3011-IS
-40 °C to +85 °C
8-lead SOIC
CS3012-IS
-40 °C to +85 °C
8-lead SOIC
Note: Add the letter R to the Part # to order reels, 2000 pieces per reel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com