Electronic Components Datasheet Search
  English  ▼

X  

LB140DS16 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB140DS16
Description  140MHz Low-loss SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS16 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS16 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS16 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS16 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS16
Rev. Date
2009-03-24
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz Low-loss SAW Filter
22MHz Bandwidth
Part Number: LB140DS16
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.8
140
140.2
Insertion Loss
dB
-
12
13.5
1dB Bandwidth
MHz
20.8
22
-
3dB Bandwidth
MHz
22
22.8
-
35dB Bandwidth
MHz
-
26.3
30.95
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
0.93
-
Ultimate Rejection
dB
40
43
-
Subatrate Material
LiNbO3
Ambient Temperature
°C
25
Package Size
SMP-53
(13.3 x 6.5 mm Nominal Footprint)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=68nH L2=100nH
C1=39pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2


Similar Part No. - LB140DS16

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
More results

Similar Description - LB140DS16

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
158Kb / 4P
140MHz Low-loss SAW Filter
LB140DS22 SIPAT-LB140DS22 Datasheet
158Kb / 3P
140MHz Low-loss SAW Filter
LB140DS23 SIPAT-LB140DS23 Datasheet
294Kb / 3P
140MHz Low-loss SAW Filter
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter
LB140DS25 SIPAT-LB140DS25 Datasheet
304Kb / 3P
140MHz Low-loss SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com