Electronic Components Datasheet Search
  English  ▼

X  

LB140DS53 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB140DS53
Description  140MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS53 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS53 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS53 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS53 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS53 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LB140DS53
Rev. Date
2013-05-22
Ver.
1.0
Page
3/4
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
2.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.
www.
www.
www.
www.
www.
www.
www. sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LB140DS53
140DS53
140DS53
140DS53
Typical Performance
Frequency Response
Passband Response
115
120
125
130
135
140
145
150
155
160
165
-100.2832
-90.2832
-80.2832
-70.2832
-60.2832
-50.2832
-40.2832
-30.2832
-20.2832
-10.2832
-0.2832
Type Performance
Frequency(MHz)
134
136
138
140
142
144
146
-12.7832
-12.2832
-11.7832
-11.2832
-10.7832
-10.2832
-9.7832
-9.2832
-8.7832
-8.2832
-7.7832
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
138.5
139
139.5
140
140.5
141
141.5
400
500
600
700
800
900
1000
1100
1200
1300
X: 141.3
Y: 812.3
Type Performance
Frequency(MHz)
X: 138.7
Y: 813.8
138.5
139
139.5
140
140.5
141
141.5
-20
-10
0
10
20
30
40
X: 138.7
Y: 1.335
Type Performance
Frequency(MHz)
X: 141.3
Y: 1.494
Horizontal: 0.5MHz/Div
Vertical: 100ns/Div
Horizontal: 0.5MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com