Electronic Components Datasheet Search
  English  ▼

X  

LB260DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB260DS01
Description  259.86MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB260DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB260DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB260DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB260DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB260DS01
Rev. Date
2006-1-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
259.86MHz SAW Filter
14MHz Bandwidth
Part Number: LB260DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
259.86
-
Insertion Loss
dB
-
16.2
17
1.5 dB Bandwidth
MHz
12.5
14.23
-
3 dB Bandwidth
MHz
14.4
15
-
15 dB Bandwidth
MHz
-
17.17
-
253.61~266.11
dB
-
1
1.4
253.61~255.47
dB
-
0.6
0.8
255.47~257.33
dB
-
0.6
0.8
257.33~259.84
dB
-
0.6
0.8
259.89~262.40
dB
-
0.6
0.8
262.40~264.25
dB
-
0.6
0.8
Passband Variation
264.25~266.11
dB
-
0.7
1
Absolute Delay
usec
-
0.7
-
Group Delay Variation(f0±6.24MHz)
nsec
-
52
70
230.0~247.86
dB
34
40
-
247.86~249.36
dB
32
38
-
268.86~270.16
dB
13
14
-
270.16~271.86
dB
34
36
-
Ultimate Rejection
271.86~290.0
dB
35
40
-
Material Temperature coefficient
KHz/°C
-4.68
Ambient Temperature
°C
25
Package Size
SMD7*5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show


Similar Part No. - LB260DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB260DS01 SIPAT-LB260DS01 Datasheet
152Kb / 3P
259.86MHz SAW Filter 14MHz Bandwidth
More results

Similar Description - LB260DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB260DS01 SIPAT-LB260DS01 Datasheet
152Kb / 3P
259.86MHz SAW Filter 14MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com