Electronic Components Datasheet Search
  English  ▼

X  

CDB4221 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4221
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4221 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4221 Datasheet HTML 9Page - Cirrus Logic CDB4221 Datasheet HTML 10Page - Cirrus Logic CDB4221 Datasheet HTML 11Page - Cirrus Logic CDB4221 Datasheet HTML 12Page - Cirrus Logic CDB4221 Datasheet HTML 13Page - Cirrus Logic CDB4221 Datasheet HTML 14Page - Cirrus Logic CDB4221 Datasheet HTML 15Page - Cirrus Logic CDB4221 Datasheet HTML 16Page - Cirrus Logic CDB4221 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CS4220 CS4221
DS284PP3
13
5. REGISTER DESCRIPTIONS - CS4221
Note: All registers are read/write in I2C mode and write-only in SPI mode, unless otherwise noted.
5.1
ADC Control (address 01h)
5.1.1
POWER DOWN ADC (PDN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The ADC will enter a low-power state when this function is enabled.
5.1.2
LEFT AND RIGHT CHANNEL HIGH PASS FILTER DEFEAT (HPDR-HPDL)
Default = 0
0 - Disabled
1 - Enabled
Function:
The internal high-pass filter is defeated when this function is enabled. Control of the internal high-
pass filter is independent for the left and right channel.
5.1.3
LEFT AND RIGHT CHANNEL ADC MUTING (ADMR-ADML)
Default = 0
0 - Disabled
1 - Enabled
Function:
The output for the selected ADC channel will be muted when this function is enabled.
5.1.4
CALIBRATION CONTROL (CAL)
Default = 0
0 - Disabled
1 - Enabled
Function:
The device will automatically perform an offset calibration when brought out of reset, which last ap-
proximately 50 ms. When this function is enabled, a rising edge on the reset line will initiate an offset
calibration.
5.1.5
CALIBRATION STATUS (CALP) (READ ONLY)
Default = 0
0 - Calibration done
1 - Calibration in progress
765
4321
0
PDN
HPDR
HPDL
ADMR
ADML
CAL
CALP
CLKE
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com