Electronic Components Datasheet Search
  English  ▼

X  

CDB4225 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4225
Description  Digital Audio Conversion System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4225 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4225 Datasheet HTML 17Page - Cirrus Logic CDB4225 Datasheet HTML 18Page - Cirrus Logic CDB4225 Datasheet HTML 19Page - Cirrus Logic CDB4225 Datasheet HTML 20Page - Cirrus Logic CDB4225 Datasheet HTML 21Page - Cirrus Logic CDB4225 Datasheet HTML 22Page - Cirrus Logic CDB4225 Datasheet HTML 23Page - Cirrus Logic CDB4225 Datasheet HTML 24Page - Cirrus Logic CDB4225 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Digital
Ground
Plane
Note that the CS4225
is oriented with its
digital pins towards the
digital end of the board.
CPU & Digital
Logic
Codec
digital
signals
Analog
Ground
Plane
1/8"
>
CS4225
+5V
Ferrite
Bead
Ground
Connection
Codec
analog
signals &
components
Figure 9. Suggested Layout Guideline
Analog
Supply
1.0 uF
0.1 uF
1.0 uF
0.1 uF
0.2 uF
FILT
Digital
Supply
1
1.0 uF
0.1 uF
= vias through to
ground plane
Analog
Supply
1.0 uF
0.1 uF
1.0 uF
0.1 uF
0.2 uF
FILT
Digital
Supply
1
1.0 uF
0.1 uF
= vias through to
ground plane
Figure 10. Recommended Decoupling Capacitor Layout
CS4225
DS86PP8
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com