Electronic Components Datasheet Search
  English  ▼

X  

CS4298 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 22Page - Cirrus Logic CS4298 Datasheet HTML 23Page - Cirrus Logic CS4298 Datasheet HTML 24Page - Cirrus Logic CS4298 Datasheet HTML 25Page - Cirrus Logic CS4298 Datasheet HTML 26Page - Cirrus Logic CS4298 Datasheet HTML 27Page - Cirrus Logic CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic CS4298 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
CS4298
26
DS315PP2
6.1.7
Record Gain (Index 1Ch)
Mute
When set, mutes the input to the ADCs.
GL[3:0]
Left ADC gain. Least significant bit represents +1.5 dB with 0000 = 0 dB.
The total range is 0 dB to +22.5 dB.
GR[3:0]
Right ADC gain. Least significant bit represents +1.5 dB with 0000 = 0 dB.
The total range is 0 dB to +22.5 dB.
Default
8000h, 0 dB gain with Mute on.
6.1.8
Record Gain Microphone (Index 1Eh)
Mute
When set, mutes the input to MADC2.
GM[3:0]
Dedicated Microphone gain. Least significant bit represents +1.5 dB with 0000 = 0 dB.
The total range is 0 dB to +22.5 dB.
Default
8000h, 0 dB gain with Mute on.
This register is only available in Mode 2.
6.1.9
General Purpose (Index 20h)
POP
PCM Output Path. By default, the PCM output is mixed prior to the 3D enhancement. When set, the
PCM output is mixed after the 3D enhancement.
3D
3D Enable. If set, enables the CrystalClear 3D stereo enhancement.
MS
Microphone Select. Determines which of the two MIC inputs are passed to the mixer. When set, MIC2
input is selected; when clear MIC1 is selected.
LPBK
Loopback. If set, enables Analog ADC/DAC Loopback Mode.
Default
0000h.
6.1.10 3D Control (Index 22h)
S[3:0]
Spacial Enhancement Depth. Spacial Enhancement is enabled by the 3D bit in the
General Purpose
(Index 20h) register.
0000 - No spacial enhancement.
1111 - Full spacial enhancement.
Default
0000h, no spacial enhancement added.
The Spacial Enhancements is not available on the ALT_LINE output when the codec is in Mode 3
or EAM is set. See the AC Mode Control (Index 5Eh) register for more detail.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
GL3
GL2
GL1
GL0
GR3
GR2
GR1
GR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
GM3
GM2
GM1
GM0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
POP
3D
MS
LPBK
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S3
S2
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com