Electronic Components Datasheet Search
  English  ▼

X  

UPW15 Datasheet(PDF) 1 Page - Tyco Electronics

Part # UPW15
Description  Type UPW Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

UPW15 Datasheet(HTML) 1 Page - Tyco Electronics

  UPW15 Datasheet HTML 1Page - Tyco Electronics UPW15 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Precision Wire-Wound Resistors
Type UPW Series
Literature No. 1773299
Issued: 04-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Custom weld tabs and copper
weld leads ensure a good
mechanical and electrical
connection between the
element and the lead wires.
Protection is given to the
windings by means of a layer
of silicone RTV rubber. This
allows movement of the
windings during temperature
cycling due to loads and
to varying ambient
temperatures. Outer protec-
tion is given by means of a
hot transfer moulded epoxy
compound which ensures an
airtight coating with no
trapped air.
I Superior quality wire-wound
resistors with very low
selection tolerances and
temperature coefficients
down to 1 ppm. 3 case sizes
are available. T/C, ratio and
pair matching is available
and customer specifications
are welcome. These compo-
nents exhibit high stability
under load and severe
environmental conditions.
Type UPW Series
The resistive element is wire wound
onto a moulded high temperature
plastic bobbin with a central former.
The direction of winding is reversed
part way through the winding, giving
very low values of inductance.
These Neohm resistors use bobbin
assemblies with flattened lead ends,
providing high resistance to pull,
vibration and torsional forces during
handling, assembly and life.
Characteristics -
Electrical
UPW15
UPW25
UPW30
UPW50
Rated Power @ 125°C (W)
0.125
0.25
0.3
0.5
Derate to zero at 145°C
Resistance Range (Ohms) Min
R10
R10
R10
R10
Max
300K
1M0
1M0
2M0
Tolerance (%)
0.005 0.01 0.02 0.05 0.1 0.2 0.5 1
Code Letter
E
L
P
W
B
A
D
F
Limiting Element Voltage (V)
150
300
150
400
Temperature Coefficient (ppm/°C) Typ.
± 3 (0°C to +85°C)
Max.
± 5 (-55°C to +125°C) ± 1 available on request
Operating Temperature Range (°C)
-55 to +145
Long Term Stability (Load)
< 50 ppm @ 10,000 hrs
< 100ppm @ 26,000 hrs
Thermal EMF
< 0.2 µ V /°C
Dimensions
Style A
Style B
Type
Style
L ± 0.4
D ± 0.4
W ± 0.5
s ± 0.2
d nom
UPW15
A
6.35
3.18
-
-
0.64
UPW25
A
9.53
4.75
-
-
0.64
UPW30
B
7.62
7.62
3.18
3.81
0.64
UPW50
A
12.7
6.35
-
-
0.81
Derating Curve
40
60
80
100
120
140
160
100
80
60
40
20
0
Ambient Temperature (°C)
UPW Series resistors must be derated for tolerances below 0.1%. Use the graph to select tolerance versus operating
temperature to determine the percentage rated power for operation.
No derating is required for operation below 20 °C.
1%, 0.5%, 0.2%, 0.1%
0.05%
0.02%
0.01%
0.005%
Mounting
The resistors are suitable for processing on automatic insertion equipment and cutting and bending machines.


Similar Part No. - UPW15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UPW15 MACOM-UPW15 Datasheet
373Kb / 2P
Ultra Precision Wire-Wound Resistors
More results

Similar Description - UPW15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
SCREW TYPE SERIES
logo
Tyco Electronics
RL731H MACOM-RL731H Datasheet
177Kb / 5P
Type RL73 Series
TW1102KA MACOM-TW1102KA Datasheet
72Kb / 1P
Type TW Series
logo
List of Unclassifed Man...
3521150KFT ETC2-3521150KFT Datasheet
105Kb / 2P
Type 3521 Series
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
Type EP Series
logo
Tyco Electronics
CRG0603F10K MACOM-CRG0603F10K Datasheet
131Kb / 3P
Type CRG Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
Type SQ Series
H847K5BYA MACOM-H847K5BYA Datasheet
196Kb / 4P
Type HOLCO Series
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
Type HB Series
logo
M/A-COM Technology Solu...
1623535-1 MA-COM-1623535-1 Datasheet
131Kb / 3P
Type CRG Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com