Electronic Components Datasheet Search
  English  ▼

X  

US1MR2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # US1MR2
Description  1.0AMP. High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

US1MR2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  US1MR2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd US1MR2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by ART
Glass passivated chip junction
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Ultrafast recovery time for high efficiency
Low forward voltage, low power loss
US1X
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol US1A US1B US1D US1G
US1J
US1K US1M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
30
A
High temperature soldering guaranteed:
260℃/10 seconds on terminals
15
10
Type Number
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Maximum RMS Voltage
Maximum DC Blocking Voltage
US1A - US1M
1.0AMP. High Efficient Surface Mount Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
IF(AV)
1A
Weight: 0.064 grams
Features
Polarity: Indicated by cathode band
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Typical Thermal Resistance
Version:G11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
RθjA
RθjL
75
27
OC/W
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Case: Molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Mechanical Data
Green compound with suffix "G" on packing
code & prefix "G" on datecode
1.7
V
50
75
5
150
uA
1.0
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - US1MR2

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1M SSE-US1M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
US1M DIODES-US1M Datasheet
45Kb / 2P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. B1-2
logo
Fuji Electric
US1M FUJI-US1M Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
US1M DIOTEC-US1M Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US1M WEITRON-US1M Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
More results

Similar Description - US1MR2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_11 Datasheet
151Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_11 Datasheet
216Kb / 2P
1.0AMP High Efficient Surface Mount Rectifiers
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
US1A LUGUANG-US1A Datasheet
196Kb / 2P
1.0AMP. Surface Mount High Efficient Rectifiers
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
1.0AMP. High Efficient Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS1AL TSC-HS1AL Datasheet
359Kb / 4P
1.0AMP High Efficient Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
1.0AMP Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
1.0AMP. High Efficient Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
1.0AMP Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com