Electronic Components Datasheet Search
  English  ▼

X  

UT85N03 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT85N03
Description  85 Amps, 30 Volts N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT85N03 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT85N03 Datasheet HTML 1Page - Unisonic Technologies UT85N03 Datasheet HTML 2Page - Unisonic Technologies UT85N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT85N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-292.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
ID
85
A
Pulsed Drain Current
IDM
350
A
Total Power Dissipation
TO-220/TO-263
PD
83
W
TO-252
56
Junction Temperature
TJ
+75
°C
Strong Temperature
TSTG
-55 ~ +175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-263
θJA
62.5
°C/W
TO-252
110
Junction to Case
TO-220/TO-263
θJC
1.8
°C/W
TO-252
2.7
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/ ∆TJ ID=1mA, Reference to 25°C
0.018
V/°C
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS= ±20V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=45A
6
mΩ
VGS=4.5V, ID=30A
10
Forward Transconductance
gFS
VDS=10V, ID=30A
32
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
2700 4200 pF
Output Capacitance
COSS
550
pF
Reverse Transfer Capacitance
CRSS
380
pF
SWITCHING PARAMETERS
Total Gate Charge (Note)
QG
VDS=24V, VGS=4.5V, ID=30A
240 300
nC
Gate Source Charge
QGS
35
nC
Gate Drain Charge
QGD
78
nC
Turn-ON Delay Time (Note)
tD(ON)
VGS=10V, VDS=15V, RD=0.5Ω,
RG=3.3Ω, ID=30A
52
ns
Turn-ON Rise Time
tR
100
ns
Turn-OFF Delay Time
tD(OFF)
460
ns
Turn-OFF Fall-Time
tF
280
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS =45A, VGS=0V
1.3
V
Body Diode Reverse Recovery Time
tRR
IS=30A, VGS=0V, dIS/dt=100A/μs
28
ns
Body Diode Reverse Recovery Charge
QRR
10
nC
Note: Pulse width≦300μs, Duty cycle≦2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com