Electronic Components Datasheet Search
  English  ▼

X  

UT4812 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4812
Description  DUAL N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4812 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4812 Datasheet HTML 1Page - Unisonic Technologies UT4812 Datasheet HTML 2Page - Unisonic Technologies UT4812 Datasheet HTML 3Page - Unisonic Technologies UT4812 Datasheet HTML 4Page - Unisonic Technologies UT4812 Datasheet HTML 5Page - Unisonic Technologies UT4812 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4812
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-166.B
DUAL N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UT4812 can provide excellent RDS(ON) and low gate
charge by using advanced trench technology. The UT4812 is
suitable for using as a load switch or in PWM applications.
FEATURES
* 30V/6.9A
* Low RDS(ON)
* Reliable and Rugged
SYMBOL
(7) (8)
D1
(4)
G2
(2)
G1
S1
(1)
S2
(3)
(5) (6)
D2
Lead-free: UT4812L
Halogen-free: UT4812G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen-Free
Package
Packing
UT4812-S08-R
UT4812L-S08-R
UT4812G-S08-R
SOP-8
Tape Reel
UT4812-S08-T
UT4812L-S08-T
UT4812G-S08-T
SOP-8
Tube


Similar Part No. - UT4812

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4812G-S08-R UTC-UT4812G-S08-R Datasheet
239Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT4812G-S08-R DOINGTER-UT4812G-S08-R Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
UT4812L-S08-R VBSEMI-UT4812L-S08-R Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE
UT4812Z UTC-UT4812Z Datasheet
153Kb / 4P
30V, 6.9A DUAL N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT4812

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE
UD9926 UTC-UD9926 Datasheet
209Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE
logo
NXP Semiconductors
PHN210T NXP-PHN210T Datasheet
94Kb / 7P
Dual N-channel enhancement mode
March 1999 Rev 1.000
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT4822 UTC-UT4822 Datasheet
198Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UT7317 UTC-UT7317 Datasheet
257Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com