Electronic Components Datasheet Search
  English  ▼

X  

UT9971P Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT9971P
Description  5.0A, 60V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9971P Datasheet(HTML) 1 Page - Unisonic Technologies

  UT9971P Datasheet HTML 1Page - Unisonic Technologies UT9971P Datasheet HTML 2Page - Unisonic Technologies UT9971P Datasheet HTML 3Page - Unisonic Technologies UT9971P Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT9971P
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-764.B
5.0A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT9971P is an N-Channel enhancement mode
power MOSFET providing customers with high switching
speed, cost-effectiveness and minimum on-state resistance.
FEATURES
* RDS(ON) < 50mΩ @VGS = 10 V
* High switching speed
* Halogen Free
SYMBOL
G (1)
D (2)
S (3)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT9971PL-AA3-R
UT9971PG-AA3-R
SOT-223
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
SOT-223


Similar Part No. - UT9971P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT9971PG-AA3-R UTC-UT9971PG-AA3-R Datasheet
256Kb / 5P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT9971PL-S08-R DOINGTER-UT9971PL-S08-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UT9971P UTC-UT9971P_15 Datasheet
256Kb / 5P
N-CHANNEL POWER MOSFET
More results

Similar Description - UT9971P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
5.0A 600V N-CHANNEL POWER MOSFET
NJ5N65 DGNJDZ-NJ5N65 Datasheet
662Kb / 6P
5.0A 650V N-CHANNEL POWER MOSFET
NJ5N80 DGNJDZ-NJ5N80 Datasheet
551Kb / 5P
5.0A 800V N-CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com